Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-177T Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-177T
Description  17 Panel PC with Intel짰 Core??2 Duo Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-177T Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-177T Datasheet HTML 1Page - Advantech Co., Ltd. PPC-177T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
PPC-177T
Feature Details
Protection
To meet the requirements of a public environment, the front panel PPC-177T complies
with the IP65/NEMA 4 protection standard. Furthermore, the watchdog timer and power
management features make the system secure and stable. The onboard hardware
monitoring feature provides an automatic protection function, which prevents the CPU
from becoming overheated.
Expansion
To extend functionality, the PPC-177T is designed with one PCI-e expansion Slot (PCI is
available as option) and Four USB 2.0 (Univeral Serial Bus) ports. With these expansion
capabilities, the PPC-177T not only functions as an HMI, but also as a computing center
on which to build your applications.
Easy Maintenance
Maintaining and replacing the LCD and touchscreen are made easier through the PPC-177T
modular design. In order to replace a defective LCD or touchscreen, one merely needs to
remove the front cover and LCD bracket instead of disassembling the whole system.
Touchscreen Options
Customers can choose from three optional types of standardized touchscreens: resistive,
capacitive, SAW (Surface Acoustic Wave). Flexible options for the PPC-177T offer a more
user-friendly interface for diverse environments.
Ordering Information
Part No.
Description
PPC-177T-BAREE
17" Core 2 Duo Based Panel PC without T/S function
PPC-177T-BARE-TE
17" Core 2 Duo Based Panel PC with T/S function
PPC-155T STAND
Stand kit for PPC-154/155/175/177 series
PPC-ARM-A03
PPC ARM VESA Standard
PPC-174 WL-MT
Wall mount kit for PPC series
PPC-175 RACK-MT
Rack mount kit for PPC-175/177 series
1702002605
Power cord 90D 220V EUROPEAN 250V/6A, 1.8M
1702002600
Power cord UL/CSA (USA) 180D 125V/10A 1.83M
989K017700E
Optical disc drive kit for PPC-177T (W/O ODD)
989K017701E
COMBO (SATA) module for PPC-177T
989K017702E
DVD-RW (SATA) module for PPC-177T
989K070600E
PCI riser card for PPC-177T
Fully-Integrated I/O
CUT-OUT Dim.
425.14
442
427
12
99.5
A: Line in/Line out/Mic in
B: PS2 Mouse&Keyboard
C: USB 2.0 x 4
D: VGA Port
E: Power Switch
A
B
D
G
H
I
F: AC Inlet
G: PCI Slot x 1
H: 10/100/1000 Base-T Ethernet x 2
I: RS-232 x 3, RS-232/422/485 x 1
C
E
F
I



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com