Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-S154T Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-S154T
Description  15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-S154T Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-S154T Datasheet HTML 1Page - Advantech Co., Ltd. PPC-S154T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel PCs
Features
RoHS
COMPLIANT
2002/95/EC
PPC-S154T
15" UltraSlim™ Panel PC with
Intel® Pentium® 4/Pentium® M Processor
15" TFT XGA LCD
Mobile Intel® Pentium® 4 Processor-M CPU up to 2.2 GHz
System memory up to 1 GB DDR SDRAM
Built-in FDD/CD-ROM drive/speakers
One Mini PCI espansion slot
10/100Base-T Ethernet (or optional Gigabit Ethernet)
Meets VESA standard
Supports one internal CompactFlash® Type ll socket
UltraSlim™ profile: only 49 mm (1.93") in depth
Introduction
PPC-S154T is a high performance and UltraSlim 15" Panel Computer, incorporating all the features of a powerful computer packed into a slender, stylish housing. Built with a 15"
TFT XGA LCD, a powerful Mobile Intel Pentium 4 Processor-M CPU up to 2.2 GHz, and 3D display engine, the mobile Intel Pentium 4 Processor-M is the first Intel mobile processor
with the Intel NetBurst™ micro-architecture. The PPC-S154T provides a state-of-the-art information terminal or computing platform for POI, multimedia and medical applications.
Meanwhile, the compact and slim design makes the PPC-S154T flexible in installation, such as wall mounting, hanging, swingarm mounting, and desktop stand mounting.
Specifications
Processor System
CPU
Supports Socket 478 based Mobile Intel Pentium 4 Processor-M CPU up to 2.2 GHz (Standard is built-in 1.7 GHz
CPU)
Memory
Supports up to 1 GB DDR SDRAM SODIMM (Standard is built-in 256 MB SDRAM)
SSD
Supports 1 x internal CompactFlash Type ll socket
HDD
1 x IDE HDD interface (2.5" HDD bay)
FDD
Supports 720 KB / 1.44 MB FDD
CD-ROM Drive
Compact 24X or above
DVD-ROM Drive
Optional 6X or above
Network (LAN)
10/100Base-T Ethernet interface (or Gigabit optional)
Bus Expansion
1 x Mini PCI expansion slot
Front Panel Protection
IP 65/NEMA 4 compliant
Dimensions (W x H x D)
375 x 299 x 49 mm (14.76" x 11.77" x 1.93")
Weight
4.9 kg (10.78 lb)
LCD Display
Display Type
15" TFT
Resolution
1024 x 768
Color
256 K or above
Pixel Pitch
0.297 x 0.297 mm
Brightness
350 cd/m2 (Typ.)
Viewing Angle
60° (left), 60° (right), 40° (up), 60° (down)
Simultaneous Mode
Yes (Optional)
Backlight MTBF
50,000 hrs
Touchscreen (Optional)
Type
Analog resistive, continuous resolution
Light Transmission
80%
Power Consumption
< 5 V @ 100 mA
Durability (Touch Lifetime)
35 million
Power Supply
Output Rating
Onboard DC/DC ATX type power supply 70 W
Input Voltage
24 VDC (Typical)
Output Voltage
5 V @ 12 A, 24 V @ 0.3 A
Adaptor
100 VAC ~ 240 VAC to 19 V @ 3.79 A
Environmental
Specifications
Operating Temperature
0 ~ 45° C (32 ~ 113° F)
Relative Humidity
10 ~ 95% @ 40° C, non-condensing
Shock
10 G peak acceleration (11 msec. duration)
EMC
CE, FCC Class B
Safety
UL, CE, CB


Similar Part No. - PPC-S154T

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-S154WL-MT ADVANTECH-PPC-S154WL-MT Datasheet
409Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
More results

Similar Description - PPC-S154T

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-9151G ADVANTECH-IPPC-9151G Datasheet
302Kb / 2P
Rugged Intel짰 Pentium짰 4 / Celeron짰 Industrial Panel PC with 15" LCD
POC-155 ADVANTECH-POC-155 Datasheet
1Mb / 2P
15 Intel짰 Pentium짰 M Processor based Point-of-Care Terminal
PPC-103T ADVANTECH-PPC-103T Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PPC-154T ADVANTECH-PPC-154T Datasheet
330Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-154T-EPCE ADVANTECH-PPC-154T-EPCE Datasheet
333Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-174T ADVANTECH-PPC-174T Datasheet
397Kb / 2P
17 Panel PC with Intel짰 Pentium짰 4 Processor
PPC-175T ADVANTECH-PPC-175T Datasheet
356Kb / 2P
17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-S155T ADVANTECH-PPC-S155T Datasheet
409Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
logo
AAEON Technology
PCM-8200 AAEON-PCM-8200 Datasheet
691Kb / 1P
Supports Socket 478 Intel짰 Pentium짰 M/ Celeron짰 M Processors, Onboard Low Voltage Intel짰 Pentium짰 M Processor
logo
Intel Corporation
BX80547PG3200FSL8Q6 INTEL-BX80547PG3200FSL8Q6 Datasheet
2Mb / 105P
Intel짰 Pentium짰 4 Processor 6xx? Sequence and Intel짰 Pentium짰 4 Processor Extreme Edition
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com