Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-S154T Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-S154T
Description  15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-S154T Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-S154T Datasheet HTML 1Page - Advantech Co., Ltd. PPC-S154T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inches)
PPC-S154T
Feature Details
High-performance CPU and Display
The PPC-S154T’s Socket 478 CPU board with 400 MHz front side bus. Integrated with a
3D display controller and 15" XGA and true color LCD, the PPC-S154T also demonstrates
its excellent display performance.
UltraSlim Profile
With dimensions of 375 x 299 x 49 mm, the PPC-S154T occupies much less space than
previous panel computers. Thanks to its VESA compliant slim design, the PPC-S154T
also provides flexible installations, such as wall mounting, hanging, swingarm mounting,
or fixed on a desktop stand.
Networking and Expansion Capability
Two serial ports, four USB 2.0 ports and a 10/100Base-T or Gigabit Ethernet controller
enable advanced networking capabilities and provide the best solution for versatile
applications. With a built-in Type lll Mini PCI socket, the PPC-S154T can offer connections
with Type lll Mini PCI 56 K modem or second Ethernet or WLAN card to enhance the
networking capability. With a built-in internal CompactFlash, Type ll socket, the PPCS154T
can offer connections with CF type storage. And with a built-in Type lll Mini PCI expansion
slot, the PPC-S154T can expansively offer connections with Type lll Mini PCI, 56 K modem,
second Ethernet, or WLAN card to enhance networking capability.
Fully-Integrated I/O
A. DC inlet
B. USB ports
C. COM1
D. Mic-in jack
E. Line-in jack
F. VGA port
G. Ethernet jack
H. PS/2 port
I. Line-out jack
J. COM2
A
B
C
D
F
G
H
I
E
J
Ordering Information
Part No.
Description
PPC-S154T-080-XE
Bare BOM of PPC-S154T-080-XE equipped with built-in
P4-M 1.7GHz Intel CPU, 256MB SDRAM and tempered
glass
PPC-S154T-R80-XE
Bare BOM of PPC-S154T-R80-XE
PPC-S153 STAND
Stand kit for PPC-S153T/S154T
PPC-S15X STAND-BLK
Black stand kit for PPC-S153T/S154T
PPC-S154 WL-MT
Wall mount kit for PPC-S154T
PPC-ARM-A03
VESA standard ARM for PPC series
1700001524
POWER CABLE 3P/3P POWER SUPPLY 1.8M FPM-306
* P4-M 1.7 GHz CPU and 256 MB DDR are built-in
375.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com