Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-L157T-RXPE0E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-L157T-RXPE0E
Description  15 Fanless Panel PC with Intel짰 Ato ??N270 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-L157T-RXPE0E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-L157T-RXPE0E Datasheet HTML 1Page - Advantech Co., Ltd. PPC-L157T-RXPE0E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel PCs
All product specifications are subject to change without notice
Last updated : 14-Dec-2009
Features
15" Fanless Panel PC with
Intel® Atom™ N270 Processor
Introduction
The PPC-L157T is a 15" Fanless panel PC that delivers high performance while consuming low power. The PPC-PPC-L157T operates with low noise and provides display resolutions up
to 1024 x 768 (XGA) pixels. The PPC-L157T is equipped with dual Gigabit Ethernet connectors supporting either failover or LAN teaming. Advantech’s customization services and optional
accessories including wireless modules, battery packs, and SATA optical devices, allow system integrators to design tailor-made solutions to a host of industrial applications.
Specifications
Processor System
CPU
Intel Atom Processor N270 1.6 GHz
CPU Front Side Bus
533 MHz
Chipset
Intel 945GSE + Intel ICH7M
Secondary Cache
512 KB L2 Cache
Memory
200-pin DDR2 533 SODIMM x1 Up to 2 GB
Combo Drive
Optional (989KL12801E)
SSD
Supports one CompactFlash Type II, socket
HDD
One internal SATA interface- 2.5" Type
Network (LAN)
2 x 10/100/1000 Mbps (RJ-45)
Fully Integrated I/O and Speakers
3 Serial Ports: RS-232 x 2, RS-232/422/485 x 1; 1 GPIO port
1 VGA Port ; PS/2 Mouse and Keyboard
Line-in/ Line-out/ Mic-in
Built-in 1W x 2 speakers, USB 2.0 ports x 4
Bus Expansion
1 x expansion slot for PCI/PCIe card
1 x MINI PCIe slot
Front Panel Protection
IP65/ NEMA 4 compliant
Weight
6 kg (13.2 Ib)
Dimensions (W x H x D)
396.5 x 317.6 x 74.8 (15.6" x 12.5" x 2.95")
OS Support
Microsoft Windows XPE/XP Pro, Vista
Power Supply
12 -24 Vdc, 15-24 VDC with battery pack
LCD Display
Display Type
15" Color TFT LCD
Max. Resolution
1024 x 768
Colors
262 K
Pixel Pitch (mm)
0.297 x 0.297
Viewing Angle
160°/130°
Luminance (cd/m2)
350
Brightness Control
Yes (by BIOS)
Backlight Lifetime
50,000 hours
Touchscreen (optional)
Type
Analog Resistive 5 wires (ELO)
Resolution
Continuous
Light Transmission
80 %
Controller
USB Interface
Durability (Touches)
35 million
Environmental Specifications
Operating Temperature
0-50° C (32-122° F); 0-40° C with battery pack
Relative Humidity
10 ~ 95 % @ 40° C, non-condensing
Shock
10 G peak acceleration (11ms duration)
Vibration
1 G
EMC
CE, FCC Class B, BSMI
Safety
CE CB, UL, BSMI, CCC , VCCI
15" TFT XGA LCD with optional resistive touchscreen
Embedded Intel® Atom™ processor N270 1.6 GHz
System memory up to 2 GB DDR2 SDRAM
Supports one internal SATA 2.5" HDD
Supports six USB 2.0 ports (4 external/ 2 internal), Dual Gigabit Ethernet
Optional PCI/PCIe x 1 expansion kit
Fanless and ultra-low power consumption
Optional smart battery module
Automatic data flow control over RS-485 (COM2)
NEW
PPC-L157T


Similar Part No. - PPC-L157T-RXPE0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-L157T-RXPE0E ADVANTECH-PPC-L157T-RXPE0E Datasheet
590Kb / 2P
15" Fanless Panel PC with Intel짰 Atom??N270 Processor
More results

Similar Description - PPC-L157T-RXPE0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-154T ADVANTECH-PPC-154T Datasheet
330Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-154T-EPCE ADVANTECH-PPC-154T-EPCE Datasheet
333Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-L128T ADVANTECH-PPC-L128T Datasheet
386Kb / 2P
12.1 Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L128T ADVANTECH-PPC-L128T_12 Datasheet
2Mb / 2P
12.1" Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L157T-080-XE ADVANTECH-PPC-L157T-080-XE Datasheet
590Kb / 2P
15" Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L158T-090-AXE ADVANTECH-PPC-L158T-090-AXE Datasheet
636Kb / 2P
15" Fanless Panel PC with Intel짰 Atom??Dual-Core Processor
logo
GSR Technology Ltd
GSR-S152 GSR-GSR-S152 Datasheet
554Kb / 2P
15??Fanless Multi-touch Waterproof Panel PC with Intel짰 Celeron짰 J1900 Processor
logo
Advantech Co., Ltd.
PPC-3150 ADVANTECH-PPC-3150_V01 Datasheet
543Kb / 2P
15 Fanless Panel PC with Intel짰 Atom??Quad-Core Processor
PPC-3151 ADVANTECH-PPC-3151 Datasheet
625Kb / 2P
15 Fanless Panel PC with Intel짰 Core??i5-6300U Processor
27-Jun-2018
PPC-3150S ADVANTECH-PPC-3150S Datasheet
389Kb / 2P
15 Fanless Panel PC with Intel짰 Celeron짰 N2930 Processor
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com