Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-L157T-RXPE0E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-L157T-RXPE0E
Description  15 Fanless Panel PC with Intel짰 Ato ??N270 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-L157T-RXPE0E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-L157T-RXPE0E Datasheet HTML 1Page - Advantech Co., Ltd. PPC-L157T-RXPE0E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
PPC-L128T
Ordering Information
Part NO
Description
PPC-L157T-080-XE
Intel Atom processor N270 1.6 GHz fanless panel PC with
15" TFT LCD
PPC-L157T-R80-XE
PPC-L157T-080-XE with resistive touchscreen
PPC-L157T-RXPE0E
PPC-L157T with 1G memory/Windows XPE on 160G HDD
PPC-ARM-A03
VESA Stand ARM for PPC series
PPC-174T WL-MT
Wall mount kit for PPC-174T
PPC-L157-STANDE
Stand desktop stand for PPC-L157T
PPC-L157-EXPE
PCI/PCIe expansion kit for PPC-L157
PS-DC19-L157E
19V DC power adapter module for PPC-L128/PPC-L157
1760000837
Smart Li-ion 3S2P 11.1V 4400 mAh -LTC4006/L127
170001524
Power cord 3P UL 10A 125V 1.8M
989KL15700E
Wireless Module for PPC-L157T Series
989KL15701E
Slim type Combo Module for PPC-L157T Series
989KL15702E
Slim type DVD-RW Module for PPC-L157T Series
Fully-Integrated I/O
A. Main power switch
B. USB 2.0 x 3
C. Ethernet jack
D. USB 2.0
E. PS/2 mouse and keyboard
F. PCI/PCI-E expansion slot cover
G. GPIO port
H. DC inlet
I. Line-in jack
J. Line-out jack
K. Mic-in jack
L. Ethernet jack
M. VGA port
N. Serial ports
396.5
74.8
12.0
379.4
62.8
381.0
Cutout Dimensions
B
C
D
E
F
G
H
I
J
K
L
M
N
A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com