Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOF-R3C2 Datasheet(PDF) 3 Page - Unity Opto Technology

Part # MOF-R3C2
Description  Fiber Optic Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MOF-R3C2 Datasheet(HTML) 3 Page - Unity Opto Technology

  MOF-R3C2 Datasheet HTML 1Page - Unity Opto Technology MOF-R3C2 Datasheet HTML 2Page - Unity Opto Technology MOF-R3C2 Datasheet HTML 3Page - Unity Opto Technology MOF-R3C2 Datasheet HTML 4Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fiber Optic Receiver
MOF-R3C2
Fig. 1 Measuring Method of Supply Current.
Notes (1)Vcc=5.0V (State of operating)
(2)To bundle up the standard fiber optic cable, make it into a loop with the diameter D=10cm or more.
(3)Pc = -14.5 dBm
(4)Measured on an ammeter.
REV: A3
04/01/2002
Fiber optic cable
VOUT
VCC
A
MOF-R3C2
Standard transmitter
MOF-T3C2
VCC
5V
GND
Vin
Ammeter VCC
Input
GND
D
13.2 Mbps NRZ, Duty 50% or 6.6 Mbps biphase mark PRBS
signal
Unity Opto Technology Co., Ltd.
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com