Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOF-R3C2 Datasheet(PDF) 4 Page - Unity Opto Technology

Part # MOF-R3C2
Description  Fiber Optic Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MOF-R3C2 Datasheet(HTML) 4 Page - Unity Opto Technology

  MOF-R3C2 Datasheet HTML 1Page - Unity Opto Technology MOF-R3C2 Datasheet HTML 2Page - Unity Opto Technology MOF-R3C2 Datasheet HTML 3Page - Unity Opto Technology MOF-R3C2 Datasheet HTML 4Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fiber Optic Receiver
MOF-R3C2
Fig. 2 Measuring Method of Output Voltage and Pulse Response
Fiber optic cable
Test item
Symbol
Low →High pulse delay time
t
PLH
High → Low pulse delay time
t
PHL
Rise time
t
r
Fall time
t
f
Δtw
High level output voltage
V
OH
Low level output voltage
V
OL
REV: A3
Test item
Pulse width distortion
Δtw = t
PHL - t PLH
04/01/2002
Unity Opto Technology Co., Ltd.
Standard transmitter
MOF-T3C2
Vin
GND
VCC
5V
MOF-R3C2
CH2
CH1
Oscilloscope
Input
13.2 Mbps NRZ, Duty 50%
VCC
GND
VOUT
tr
tPLH
90%
VOL
VOH
50%
50%
10%
tf
tPHL
Standard transmitter
Input signal
(CH1)
Output signal
(CH2)
VCC
4/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com