Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-W101E-R1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UTC-W101E-R1E
Description  10.1 eService Touch Computer with Intel짰 Atom??Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-W101E-R1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UTC-W101E-R1E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-W101E-R1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel PCs
All product specifications are subject to change without notice
Last updated : 19-Jan-2010
Features
UTC-W101
10.1" eService Touch Computer
with Intel® Atom™ Processor
Fanless Intel® Atom™ Z510P 1.1 GHz or Z530P 1.6 Hhz+ US15WP
Architecture
Low Power Consumption attributed to Intel® Atom™ eMenlow Architecture
Providing Natural Viewing Experience with 16:9 10.1" WSXGA Display
Instant Function Access through front programmable Capacitive Touch
Hotkeys
Top Cover Modules designed to applications, such as LED Lamp for Service
Call
Eye-catching Industrial Design perfectly blended into eServices scenarios
Front panel complies with IP65/NEMA4 protection standard
VESA 75mm Mounting Holes for Desktop Stand & Wall-Mount
UL60601-1, IEC/EN60601-1 Certified
Introduction
UTC-W101 is an Intel® Atom™ based fan-less all-in-one PC with 10.1" wide format resistive touch-based LCD panel. Not only a cost effective, but also a versatile all-in-one solution
to meet the vast demand emerging from market. Hot keys on bezel provide Instant function access, simple and elegant industrial design perfectly blended into eServices scenarios.
Specifications
Processor System
CPU
Intel® Atom™ 1.1 GHz or 1.6 Hhz
Chipset
Intel® Atom™ Silverthorne XL Z510P or Z530P + US15WP
L2 Cache
512KB
FSB Speed
400 Mhz
Memory
DDR2 400/533 200pin SO-DIMM x 1 (Built-in 1 GB)
Dimensions (W X H X D)
258 x 199 x 38.3mm (10.16" x 7.83" x 1.51")
Weight
1.2Kg (2.6lbs)
Front Panel Protection
IP65/NEMA 4 compliant
Storage
Supports 1 x internal CompactFlash (Built-in 2G CompactFlash)
Network (LAN)
2 x Gigabit Ethernet ports, Wake on LAN, boot from LAN and LAN teaming supported
I/O Ports
2 x COM ports
4 x USB V2.0 ports
Mic-in/Line-out
2 x Gigabit Ethernet Ports
Stereo Speaker
1W x 2
Microphone
Built-in microphone x 1
Bus expansion
Build-in mini PCI-e Wireless LAN card
Environmental Specifications
Operating Temperature
0 ~ 40° C (32 ~ 104° F)
Relative Humidity
10 ~ 95% @ 40° C non-condensing
Shock
10 G peak acceleration (11 msec. duration)
EMC
BSMI, CE, FCC Class B, CCC UL60601-1,IEC/EN60601-1 Certified
Safety
CB, CE, UL
Power Supply
Power
19V, 40W DC Adapter
LCD Display
Size/Type
10.1" TFT LCD with LED backlight
Max.Resolution
1024 x 600
Max. Color
262K
Pixel Pitch (mm)
0.2175 (H) x 0.2088 (V)
Brightness
200 CD/m2
View Angle
90° (45(L), 45(R), 20(U), 45(Down))
Backlight MTBF
15,000 hrs


Similar Part No. - UTC-W101E-R1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-W101-WLE ADVANTECH-UTC-W101-WLE Datasheet
502Kb / 2P
10.1" Ubiquitous Touch Computer with Intel짰 Atom??Cedar Trail Processor
UTC-W101-WLE ADVANTECH-UTC-W101-WLE Datasheet
620Kb / 2P
10.1" Ubiquitous Touch Computer with Intel짰 Atom??Cedar Trail Processor
UTC-W101B ADVANTECH-UTC-W101B Datasheet
536Kb / 2P
10.1' Ubiquitous Touch Computer
UTC-W101B-ABI0E ADVANTECH-UTC-W101B-ABI0E Datasheet
502Kb / 2P
10.1" Ubiquitous Touch Computer with Intel짰 Atom??Cedar Trail Processor
UTC-W101B-ABI0E ADVANTECH-UTC-W101B-ABI0E Datasheet
620Kb / 2P
10.1" Ubiquitous Touch Computer with Intel짰 Atom??Cedar Trail Processor
More results

Similar Description - UTC-W101E-R1E

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACP-5152 AAEON-ACP-5152 Datasheet
311Kb / 2P
15.6??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
ACP-5182 AAEON-ACP-5182 Datasheet
374Kb / 2P
18.5??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
ACP-5212 AAEON-ACP-5212 Datasheet
323Kb / 2P
21.5??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
ACP-2153 AAEON-ACP-2153 Datasheet
298Kb / 2P
15??Multi-Touch Panel Computer With Intel짰 Atom??D2550 1.86GHz Processor
logo
Advantech Co., Ltd.
UTC-W101B-ABI0E ADVANTECH-UTC-W101B-ABI0E Datasheet
502Kb / 2P
10.1" Ubiquitous Touch Computer with Intel짰 Atom??Cedar Trail Processor
UTC-W101B-ABI0E ADVANTECH-UTC-W101B-ABI0E Datasheet
620Kb / 2P
10.1" Ubiquitous Touch Computer with Intel짰 Atom??Cedar Trail Processor
UTC-W101B ADVANTECH-UTC-W101B Datasheet
536Kb / 2P
10.1' Ubiquitous Touch Computer
UTC-510 ADVANTECH-UTC-510 Datasheet
404Kb / 2P
10.1' Ubiquitous Touch Computer
logo
Axiomtek Co., Ltd.
MPC103-845 AXIOMTEK-MPC103-845 Datasheet
461Kb / 2P
10.1 WXGA TFT Fanless Medical Grade Touch Panel Computer with Intel짰 Celeron짰 Processor N3060
logo
Advantech Co., Ltd.
UTC-510 ADVANTECH-UTC-510_V01 Datasheet
457Kb / 2P
10.1 Ubiquitous Touch Computer
23-Mar-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com