Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-W101E-R1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UTC-W101E-R1E
Description  10.1 eService Touch Computer with Intel짰 Atom??Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-W101E-R1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UTC-W101E-R1E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-W101E-R1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
UTC-W101
Feature Details
Protection
To meet the requirements of a public environment, the front panel UTC-W101 complies
with the IP65/NEMA 4 protection standard. Furthermore, the watchdog timer and power
management features make the system secure and stable. The onboard hardware
monitoring feature provides an automatic protection function, which prevents the CPU
from becoming overheated.
Fully-Integrated I/O
Ordering Information
Part No.
Description
UTC-W101E-RE
10.1" Atom™ 1.6 GHz based fan-less eService Touch
Computer with Resi. T/S, 1G RAM, 2G CF card
UTC-W101E-R1E
10.1" Atom™ 1.1 GHz based fan-less eService Touch
Computer with Resi. T/S, 1G RAM, 2G CF card
UTC-W101E-GE
10.1" Atom™ 1.6 GHz based fan-less eService Touch
Computer w/o T/S, 1G RAM, 2G CF card
UTC-W101E-G1E
10.1" Atom™ 1.1 GHz based fan-less eService Touch
Computer w/o T/S, 1G RAM, 2G CF card
2070009515
XPE for UTC-W101 V4.0 ENG/CHT/CHS/JPN
9680004551
Bluetooth module USB (2.0), BUB-204B
1757003202
AC ADAPTER DC19V/2.1A 40W FSP040-RA
9688000020
Medical Power Adapter +19V/49W MPU50-107
1757000022
Medical AC 45W SPS MPU50-105 SINPRO
1700001524
Power Cord 3P UL 10A 125V 1.8M (US)
170203183C
Power Code 3P (WS-010+083) 183 cm (Europe)
1960044352N001
STAND-White FOR UTC-W101
224.84
257.72
A: DC Inlet
B: COM x2
C: USB 2.0 x4
D: LAN x2
E: AUDIO Inlet
F: Power SW
A
B
D
C
E
F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com