Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1876 Datasheet(PDF) 45 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 45 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 41Page - Maxim Integrated Products DS1876 Datasheet HTML 42Page - Maxim Integrated Products DS1876 Datasheet HTML 43Page - Maxim Integrated Products DS1876 Datasheet HTML 44Page - Maxim Integrated Products DS1876 Datasheet HTML 45Page - Maxim Integrated Products DS1876 Datasheet HTML 46Page - Maxim Integrated Products DS1876 Datasheet HTML 47Page - Maxim Integrated Products DS1876 Datasheet HTML 48Page - Maxim Integrated Products DS1876 Datasheet HTML 49Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
______________________________________________________________________________________ 45
SFP Controller with Dual LDD Interface
Table 02h, Register 80h: MODE (continued)
Table 02h, Register 81h: TEMPERATURE INDEX (TINDEX)
BIT 2
MOD1EN:
0 = MOD1 DAC is writable by the user and the LUT recalls are disabled. This allows the user to
interactively test their modules by writing the values for MOD1. The output is updated with the new
value at the end of the write cycle. The I2C STOP condition is the end of the write cycle.
1 = (default) Enables automatic control of the LUT for MOD1 DAC.
BIT 1
QT1EN:
0 = QTs (HBIAS, TXP HI, TXP LO) for transmitter 1 are writable by the user and the LUT recalls are
disabled. This allows the user to interactively test their modules by writing to the QT thresholds.
The thresholds are updated with the new values at the end of the write cycle. The I2C STOP
condition is the end of the write cycle.
1 = (default) Enables automatic control of the LUT QTs for transmitter 1.
BIT 0
APC1EN:
0 = APC1 DAC is writable by the user and the LUT recalls are disabled. This allows the user to
interactively test their modules by writing the values for APC1. The output is updated with the new
value at the end of the write cycle. The I2C STOP condition is the end of the write cycle.
1 = (default) Enables automatic control of the LUT for APC1 DAC.
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
(PW2 and AEN = 0) or (PW1 and RWTBL2 and AEN = 0)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Volatile
81h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Holds the calculated index based on the temperature measurement. This index is used for the address during lookup
of Tables 04h and 06h. Temperature measurements below -40NC or above +102NC are clamped to 80h and C7h,
respectively. The calculation of TINDEX is as follows:
Temp_Value 40 C
TINDEX
80h
2 C
+
°
=
+
°
For the temperature-indexed LUTs (2NC), the index used during the lookup function for each table is as follows:
Table 04h (MOD)
1
TINDEX6
TINDEX5
TINDEX4
TINDEX3
TINDEX2
TINDEX1
TINDEX0
Table 06h (APC)
1
TINDEX6
TINDEX5
TINDEX4
TINDEX3
TINDEX2
TINDEX1
TINDEX0
For the 8-position LUT tables, the following table shows the lookup function:
TINDEX
1000_0xxx
1001_0xxx
1001_1xxx
1010_0xxx
1010_1xxx
1011_0xxx
1011_1xxx
11xx_xxxx
BYTE
F8
F9
FA
FB
FC
FD
FE
FF
TEMP (NC)
< -8
-8 to +8
+8 to +24
+24 to +40
+40 to +56
+56 to +72
+72 to +88
R
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com