Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5174BCPZ-10-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5174BCPZ-10-R2
Description  Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5174BCPZ-10-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5174BCPZ-10-R2 Datasheet HTML 4Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 5Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 6Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 7Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 8Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 9Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 10Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 11Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5174
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
+25°C
–40°C
+125°C
Figure 7. R-INL vs. Code vs. Temperature
0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
+25°C
–40°C
+125°C
Figure 8. R-DNL vs. Code vs. Temperature
700
600
500
400
300
200
100
0
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
VDD/VSS = 5V/0V
Figure 9. Tempco ΔRWA/ΔT vs. Code
0
0.2
0.4
0.6
0.8
1.0
VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD/VSS = 5V/0V
Figure 10. Supply Current (IDD) vs. Digital Input Voltage
–500
–400
–300
–200
–100
0
100
200
300
400
500
TEMPERATURE (°C)
–40 –30 –20 –10 0
20 30 40 50 60 70 80 90 100 110
10
IDD = 5V
ISS = 5V
IDD = 3V
ISS = 3V
Figure 11. Supply Current (IDD, ISS) vs. Temperature
7
0
1
2
3
4
5
6
0
1023
850
765
935
680
510 595
340 425
170 255
85
CODE (Decimal)
VDD/VSS = 5V/0V
Figure 12. Theoretical Maximum Current vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com