Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5174BCPZ-10-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5174BCPZ-10-R2
Description  Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5174BCPZ-10-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD5174BCPZ-10-R2 Datasheet HTML 1Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 2Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 3Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 4Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 5Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 6Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 7Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 8Page - Analog Devices AD5174BCPZ-10-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Single-Channel, 1024-Position, Digital Rheostat
with SPI
Interface and 50-TP Memory
AD5174
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Single-channel, 1024-position resolution
10 kΩ nominal resistance
50-times programmable (50-TP) wiper memory
Rheostat mode temperature coefficient: 35 ppm/°C
2.7 V to 5.5 V single-supply operation
±2.5 V to ±2.75 V dual-supply operation for ac or bipolar
operations
SPI-compatible interface
Wiper setting and memory readback
Power on refreshed from memory
Resistor tolerance stored in memory
Thin LFCSP 10-lead, 3 mm × 3 mm× 0.8 mm package
Compact MSOP, 10-lead, 3 mm × 4.9 mm × 1.1 mm package
APPLICATIONS
Mechanical rheostat replacements
Op-amp: variable gain control
Instrumentation: gain, offset adjustment
Programmable voltage-to-current conversions
Programmable filters, delays, time constants
Programmable power supply
Sensor calibration
FUNCTIONAL BLOCK DIAGRAM
10
VDD
VSS
EXT_CAP
GND
A
W
AD5174
SCLK
DIN
SDO
SPI
SERIAL
INTERFACE
POWER-ON
RESET
RDAC
REGISTER
50-TP
MEMORY
BLOCK
SYNC
Figure 1.
GENERAL DESCRIPTION
The AD5174 is a single-channel, 1024-position digital rheostat
that combines industry leading variable resistor performance
with nonvolatile memory (NVM) in a compact package.
This device supports both dual-supply operation at ±2.5 V to
±2.75 V and single-supply operation at 2.7 V to 5.5 V and offers
50-times programmable (50-TP) memory.
The AD5174 device wiper settings are controllable through the
SPI digital interface. Unlimited adjustments are allowed before
programming the resistance value into the 50-TP memory. The
AD5174 does not require any external voltage supply to facili-
tate fuse blow and there are 50 opportunities for permanent
programming. During 50-TP activation, a permanent blow fuse
command freezes the resistance position (analogous to placing
epoxy on a mechanical rheostat).
The AD5174 is available in a 3 mm × 3mm 10-lead LFCSP
package and in a 10-lead MSOP package. The part is guaranteed
to operate over the extended industrial temperature range of
−40°C to +125°C.


Similar Part No. - AD5174BCPZ-10-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5174BCPZ-10-RL7 AD-AD5174BCPZ-10-RL7 Datasheet
865Kb / 20P
Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
Rev. B
More results

Similar Description - AD5174BCPZ-10-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235 AD-AD5235 Datasheet
102Kb / 10P
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
06-Nov-2000
AD5231 AD-AD5231 Datasheet
562Kb / 24P
Nonvolatile Memory, 1024-Position Digital Potentiometers
REV.0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5270 AD-AD5270 Datasheet
725Kb / 24P
1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
4/16-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com