Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIEC45-33AS Datasheet(PDF) 6 Page - STMicroelectronics

Part # STIEC45-33AS
Description  Transil??for IEC 61000-4-5 compliance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIEC45-33AS Datasheet(HTML) 6 Page - STMicroelectronics

  STIEC45-33AS Datasheet HTML 1Page - STMicroelectronics STIEC45-33AS Datasheet HTML 2Page - STMicroelectronics STIEC45-33AS Datasheet HTML 3Page - STMicroelectronics STIEC45-33AS Datasheet HTML 4Page - STMicroelectronics STIEC45-33AS Datasheet HTML 5Page - STMicroelectronics STIEC45-33AS Datasheet HTML 6Page - STMicroelectronics STIEC45-33AS Datasheet HTML 7Page - STMicroelectronics STIEC45-33AS Datasheet HTML 8Page - STMicroelectronics STIEC45-33AS Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ordering information scheme
STIEC45-XXAS
6/9
Doc ID 16871 Rev 1
2
Ordering information scheme
Figure 10. Ordering information scheme
STIEC45 - XX A S
IEC 61000-4-5
Stand off voltage
27 = 27 V
Current capability code
A = 500 A, 8/20 µs, 1.2/50 µs
Package
S = SMC package (JEDEC DO-214AB)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com