Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIEC45-33AS Datasheet(PDF) 3 Page - STMicroelectronics

Part # STIEC45-33AS
Description  Transil??for IEC 61000-4-5 compliance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIEC45-33AS Datasheet(HTML) 3 Page - STMicroelectronics

  STIEC45-33AS Datasheet HTML 1Page - STMicroelectronics STIEC45-33AS Datasheet HTML 2Page - STMicroelectronics STIEC45-33AS Datasheet HTML 3Page - STMicroelectronics STIEC45-33AS Datasheet HTML 4Page - STMicroelectronics STIEC45-33AS Datasheet HTML 5Page - STMicroelectronics STIEC45-33AS Datasheet HTML 6Page - STMicroelectronics STIEC45-33AS Datasheet HTML 7Page - STMicroelectronics STIEC45-33AS Datasheet HTML 8Page - STMicroelectronics STIEC45-33AS Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STIEC45-XXAS
Characteristics
Doc ID 16871 Rev 1
3/9
Note:
Surge capability given for both directions for unidirectional and bidirectional types.
Table 3.
Electrical characteristics - parameter values (Tamb = 25 °C)
Order code
IRM @VRM
VBR @IR
(1)
VCL @IPP
8/20 µs, 1.2/50 µs
RD
(2)
8/20 µs
αT (3)
25 °C
85 °C
Min.
Typ.
Max.
Max.
Typ.
max
µA
V
V
mA
V
A
Ω
10-4/ °C
STIEC45-24AS
0.2
1
24
26.7
28.2
29.5
1
42
500
0.025
9.6
STIEC45-26AS
0.2
1
26
28.9
30.3
31.9
1
45
500
0.026
9.7
STIEC45-27AS
0.2
1
27
30
31.6
33.2
1
47
500
0.028
9.7
STIEC45-28AS
0.2
1
28
31.1
32.6
34.3
1
49
500
0.029
9.8
STIEC45-30AS
0.2
1
30
33.3
35
36.8
1
55
500
0.036
9.9
STIEC45-33AS
0.2
1
33
36.7
38.6
40.6
1
59
500
0.036
10
1.
Pulse test: tp < 50 ms
2.
To calculate maximum clamping voltage at other surge levels: VCLmax = RD x IPP + VBRmax
3.
To calculate VBR versus junction temperature: VBR @ Tj = VBR @ 25°C x (1 + αT x (Tj – 25))
Figure 2.
Pulse form
Figure 3.
Peak pulse current versus initial
junction temperature
Repetitive pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
tp
t
tr
% Ipp
100
50
0
0
100
200
300
400
500
600
0
25
50
75
100
125
150
175
T (°C)
j
I (A)
PP
8/20 µs, 1.2/50 µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com