Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3604 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3604
Description  2.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3604 Datasheet(HTML) 2 Page - Linear Technology

  LTC3604 Datasheet HTML 1Page - Linear Technology LTC3604 Datasheet HTML 2Page - Linear Technology LTC3604 Datasheet HTML 3Page - Linear Technology LTC3604 Datasheet HTML 4Page - Linear Technology LTC3604 Datasheet HTML 5Page - Linear Technology LTC3604 Datasheet HTML 6Page - Linear Technology LTC3604 Datasheet HTML 7Page - Linear Technology LTC3604 Datasheet HTML 8Page - Linear Technology LTC3604 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3604
2
3604f
ABSOLUTE MAXIMUM RATINGS (Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
PGND
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
MODE/SYNC
PGOOD
SW
SW
ITH
FB
RT
SGND
TJMAX = 125°C, θJA = 45°C/W
EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
SW
SW
PGND
PGND
BOOST
INTVCC
VON
RT
16
15
14
13
12
11
10
9
PGOOD
MODE/SYNC
VIN
VIN
RUN
TRACK/SS
ITH
FB
TOP VIEW
17
SGND
MSE PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 38°C/W
EXPOSED PAD (PIN 17) IS SGND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3604EUD#PBF
LTC3604EUD#TRPBF
LFPT
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LTC3604IUD#PBF
LTC3604IUD#TRPBF
LFPT
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LTC3604EMSE#PBF
LTC3604EMSE#TRPBF
3604
16-Lead Plastic MSOP
–40°C to 125°C
LTC3604IMSE#PBF
LTC3604IMSE#TRPBF
3604
16-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VIN ............................................................. –0.3V to 16V
VIN Transient Voltage ................................................18V
BOOST .................................................... –0.3V to 18.6V
BOOST-SW................................................ –0.3V to 3.6V
INTVCC...................................................... –0.3V to 3.6V
ITH, RT ......................................–0.3V to INTVCC + 0.3V
MODE/SYNC, FB ........................–0.3V to INTVCC + 0.3V
TRACK/SS .................................–0.3V to INTVCC + 0.3V
PGOOD, VON............................................... –0.3V to 16V
SW, RUN.......................................... –0.3V to VIN + 0.3V
SW Source Current (DC).............................................3A
Peak SW Source Current .................... Internally Limited
Operating Junction Temperature Range
(Notes 2, 3, 5) ....................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
MSOP ............................................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com