Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3604 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3604
Description  2.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3604 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3604 Datasheet HTML 16Page - Linear Technology LTC3604 Datasheet HTML 17Page - Linear Technology LTC3604 Datasheet HTML 18Page - Linear Technology LTC3604 Datasheet HTML 19Page - Linear Technology LTC3604 Datasheet HTML 20Page - Linear Technology LTC3604 Datasheet HTML 21Page - Linear Technology LTC3604 Datasheet HTML 22Page - Linear Technology LTC3604 Datasheet HTML 23Page - Linear Technology LTC3604 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC3604
21
3604f
8.4V Input to 3.3V Output at 2MHz Operating
Frequency Using Forced Continuous Mode
Efficiency vs Load Current
VIN
RUN
PGOOD
TRACK/SS
LTC3604
PGND
SGND
INTVCC
ITH
RT
MODE/SYNC
BOOST
SW
VON
FB
0.1μF
COUT
47μF
VOUT
3.3V
2.5A
R1
90.9k
CF
10pF
R2
20k
3604 TA03a
L1
1μH
C2
2.2μF
C1
22μF
VIN
8.4V
CIN: TDK C3225X5R1C226M
COUT: TDK C3216X5R0J476M
L1: VISHAY IHLP2020BZER1R0M01
TYPICAL APPLICATIONS
LOAD CURRENT (A)
0.01
40
50
60
70
80
0.1
1
10
3604 TA03b
30
20
10
0
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com