Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3606B Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3606B
Description  800mA Synchronous Step-Down DC/DC with Average Input Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3606B Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3606B Datasheet HTML 7Page - Linear Technology LTC3606B Datasheet HTML 8Page - Linear Technology LTC3606B Datasheet HTML 9Page - Linear Technology LTC3606B Datasheet HTML 10Page - Linear Technology LTC3606B Datasheet HTML 11Page - Linear Technology LTC3606B Datasheet HTML 12Page - Linear Technology LTC3606B Datasheet HTML 13Page - Linear Technology LTC3606B Datasheet HTML 14Page - Linear Technology LTC3606B Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC3606B
11
3606bfa
APPLICATIONS INFORMATION
Input Capacitor (CIN) Selection
In continuous mode, the input current of the converter is a
square wave with a duty cycle of approximately VOUT/VIN.
To prevent large voltage transients, a low equivalent series
resistance (ESR) input capacitor sized for the maximum
RMS current must be used. The maximum RMS capacitor
current is given by:
IRMS IMAX
VOUT(VIN VOUT)
VIN
Where the maximum average output current IMAX equals
the peak current minus half the peak-to-peak ripple cur-
rent, IMAX = ILIM – ΔIL /2. This formula has a maximum at
VIN = 2VOUT, where IRMS = IOUT/2. This simple worst-case
is commonly used to design because even significant
deviations do not offer much relief. Note that capacitor
manufacturer’s ripple current ratings are often based on
only 2000 hours lifetime. This makes it advisable to further
derate the capacitor, or choose a capacitor rated at a higher
temperature than required. Several capacitors may also be
paralleled to meet the size or height requirements of the
design. An additional 0.1μF to 1μF ceramic capacitor is
also recommended on VIN for high frequency decoupling
when not using an all-ceramic capacitor solution.
Output Capacitor (COUT) Selection
The selection of COUT is driven by the required effective
series resistance (ESR). Typically, once the ESR require-
ment for COUT has been met, the RMS current rating
generally far exceeds the IRIPPLE(P-P) requirement. The
output ripple ΔVOUT is determined by:
VOUT
IL ESR+
1
8fOCOUT
where fO = operating frequency, COUT = output capacitance
and ΔIL = ripple current in the inductor. For a fixed output
voltage, the output ripple is highest at maximum input
voltage since ΔIL increases with input voltage.
If tantalum capacitors are used, it is critical that the
capacitors are surge tested for use in switching power
supplies. An excellent choice is the AVX TPS series of
surface mount tantalum. These are specially constructed
and tested for low ESR so they give the lowest ESR for a
given volume. Other capacitor types include Sanyo POSCAP,
Kemet T510 and T495 series, and Sprague 593D and
595D series. Consult the manufacturer for other specific
recommendations.
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them
ideal for switching regulator applications. Because the
LTC3606B control loop does not depend on the output
capacitor’s ESR for stable operation, ceramic capacitors
can be used freely to achieve very low output ripple and
small circuit size.
However, care must be taken when ceramic capacitors are
used at the input. When a ceramic capacitor is used at the
input and the power is supplied by a wall adapter through
long wires, a load step at the output can induce ringing at
the input, VIN. At best, this ringing can couple to the output
and be mistaken as loop instability. At worst, a sudden
inrush of current through the long wires can potentially
cause a voltage spike at VIN, large enough to damage the
part. For more information, see Application Note 88.
When choosing the input and output ceramic capacitors,
choose the X5R or X7R dielectric formulations. These
dielectrics have the best temperature and voltage
characteristics of all the ceramics for a given value and
size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com