Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3606B Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3606B
Description  800mA Synchronous Step-Down DC/DC with Average Input Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3606B Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3606B Datasheet HTML 9Page - Linear Technology LTC3606B Datasheet HTML 10Page - Linear Technology LTC3606B Datasheet HTML 11Page - Linear Technology LTC3606B Datasheet HTML 12Page - Linear Technology LTC3606B Datasheet HTML 13Page - Linear Technology LTC3606B Datasheet HTML 14Page - Linear Technology LTC3606B Datasheet HTML 15Page - Linear Technology LTC3606B Datasheet HTML 16Page - Linear Technology LTC3606B Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3606B
13
3606bfa
APPLICATIONS INFORMATION
2. The switching current is the sum of the MOSFET driver
and control currents. The MOSFET driver current results
from switching the gate capacitance of the power
MOSFETs. Each time a MOSFET gate is switched from
low to high to low again, a packet of charge dQ moves
from VIN to ground. The resulting dQ/dt is a current
out of VIN that is typically much larger than the DC bias
current. In continuous mode, IGATECHG = fO(QT + QB),
where QT and QB are the gate charges of the internal
top and bottom MOSFET switches. The gate charge
losses are proportional to VIN and thus their effects
will be more pronounced at higher supply voltages.
3. I2R losses are calculated from the DC resistances of
the internal switches, RSW, and external inductor, RL.
In continuous mode, the average output current flows
through inductor L, but is “chopped” between the internal
top and bottom switches. Thus, the series resistance
looking into the SW pin is a function of both top and
bottom MOSFET RDS(ON) and the duty cycle (DC) as
follows:
RSW = (RDS(ON)TOP) • (DC) + (RDS(ON)BOT) • (1– DC)
The RDS(ON)forboththetopandbottomMOSFETscanbe
obtained from the Typical Performance Characteristics
curves. Thus, to obtain I2R losses:
I2R losses = IOUT2 • (RSW + RL)
4. Other “hidden” losses, such as copper trace and
internal battery resistances, can account for additional
efficiency degradations in portable systems. It is very
important to include these “system” level losses in
the design of a system. The internal battery and fuse
resistance losses can be minimized by making sure that
CIN has adequate charge storage and very low ESR at
the switching frequency. Other losses, including diode
conduction losses during dead-time, and inductor
core losses, generally account for less than 2% total
additional loss.
Thermal Considerations
In a majority of applications, the LTC3606B does not
dissipate much heat due to its high efficiency. In the
unlikely event that the junction temperature somehow
reaches approximately 150°C, both power switches will be
turned off and the SW node will become high impedance.
The goal of the following thermal analysis is to determine
whether the power dissipated causes enough temperature
rise to exceed the maximum junction temperature (125°C)
of the part. The temperature rise is given by:
TRISE = PD • θJA
where PD is the power dissipated by the regulator and θJA
is the thermal resistance from the junction of the die to
the ambient temperature. The junction temperature, TJ,
is given by:
TJ = TRISE + TAMBIENT
As a worst-case example, consider the case when the
LTC3606B is in dropout at an input voltage of 2.7V with
a load current of 800mA and an ambient temperature of
70°C. From the Typical Performance Characteristics graph
of Switch Resistance, the RDS(ON) of the switch is 0.33Ω.
Therefore, the power dissipated is:
PD = IOUT2 • RDS(ON) = 212mV
Given that the thermal resistance of a properly soldered
DFN package is approximately 40°C/W, the junction
temperature of an LTC3606B device operating in a 70°C
ambient temperature is approximately:
TJ = (0.212W • 40°C/W) + 70°C = 78.5°C
which is well below the absolute maximum junction
temperature of 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com