Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3640 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3640
Description  Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3640 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3640 Datasheet HTML 9Page - Linear Technology LT3640 Datasheet HTML 10Page - Linear Technology LT3640 Datasheet HTML 11Page - Linear Technology LT3640 Datasheet HTML 12Page - Linear Technology LT3640 Datasheet HTML 13Page - Linear Technology LT3640 Datasheet HTML 14Page - Linear Technology LT3640 Datasheet HTML 15Page - Linear Technology LT3640 Datasheet HTML 16Page - Linear Technology LT3640 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3640
13
3640p
Figure 1. Lower Switching Frequency Occurs in High
Voltage Channel When Required On-Time Is Below 50ns
The maximum VIN should not exceed the absolute maxi-
mum rating. For fixed frequency operation, the maximum
VIN is:
V
VV
DC
VV
IN MAX
OUT
D
MIN
DCE
() =
+
⎛
⎝⎜
⎞
⎠⎟
−+
1
Note that the high voltage buck will still regulate at an input
voltage that exceeds VIN(MAX) (up to 36V). However, the
switching frequency will be lowered to satisfy the equa-
tion (Figure 1).
Once the input voltage reaches 36V, an internal overvoltage
lockout (OVLO) circuit is triggered to disable switching ac-
tion (Figure 2). Without switching, the LT3640 can sustain
VIN voltage transients up to 55V for one second.
VIN2 Voltage Range
The low voltage synchronous channel operates from
the VIN2 pin. The VIN2 pin can be connected to either an
independent voltage supply or the high voltage channel
output for a two-stage power regulator.
In either configuration, if the high voltage channel is over-
loaded and pulled out of regulation, the low voltage channel
will be disabled. The SS2 pin will be discharged as well.
The minimum VIN2 voltage to regulate output voltage is:
V
V
DC
IN MIN
OUT
MAX
2
2
() ≈
Where DCMAX is the maximum duty cycle (refer to
the Switching Frequency section). If VIN2 is below the
calculated minimum voltage, the output will fall out of
regulation.
The maximum VIN2 for fixed frequency operation is:
V
V
DC
IN MAX
OUT
MIN
2
2
() ≈
Where DCMIN is the minimum duty cycle (refer to the
Switching Frequency section). For voltage that exceeds
VIN2(MAX) (up to 5.5V), the low voltage channel exhi-
bits pulse-skipping behavior, and the output ripple will
increase.
Inductor Selection
Inductor selection involves inductance, saturation current,
series resistance (DCR) and magnetic loss. The inductor
current ripple determines the inductance. A reasonable cur-
rent ripple is around 30% of the maximum load current:
ΔIL = 0.3 • IOUT(MAX)
where IOUT(MAX) is the maximum load current. To guaran-
tee sufficient output current, peak inductor current must
be lower than the switch current limit (ILIM). The peak
inductor current is:
II
I
L PEAK
OUT MAX
L
()
(
)
=+
Δ
2
where IL(PEAK) is the peak inductor current. For the high
voltage channel, the top switch current limit is at least
2.4A at low duty cycles and decreases linearly to 1.8A at
DC = 0.8. Be sure to pick an inductor ripple current that
provides sufficient maximum load current IOUT(MAX). Once
Figure 2. VIN Overvoltage Lockout
APPLICATIONS INFORMATION
200ns/DIV
SW1
10V/DIV
IL1
0.5A/DIV
3640 F01
VIN = 30V
VOUT1 = 3.3V/0.2A
RT SET = 2MHz
10μs/DIV
VIN
20V/DIV
55VPK, 40V, 15V
IL1
2A/DIV
3640 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com