Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3640 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3640
Description  Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3640 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3640 Datasheet HTML 16Page - Linear Technology LT3640 Datasheet HTML 17Page - Linear Technology LT3640 Datasheet HTML 18Page - Linear Technology LT3640 Datasheet HTML 19Page - Linear Technology LT3640 Datasheet HTML 20Page - Linear Technology LT3640 Datasheet HTML 21Page - Linear Technology LT3640 Datasheet HTML 22Page - Linear Technology LT3640 Datasheet HTML 23Page - Linear Technology LT3640 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3640
21
3640p
3640 TA03
SYN
D1
WDI
WDI
WDE
PGOOD
1nF
1nF
1.5nF
1.5nF
32.4k
VOUT2
1.2V/1A
VOUT1
5V/0.8A
47μF
4.7μF
RST1
RST2
EN2
WDO
FB2
CWDT
CPOR
RT
GND
SS2
SS1
SW2
SW1
EN/UVLO
VIN
VIN
7V TO 34V
SW
LT3640
BST
VIN2
FB1
L2
1μH
453k
100k
100k
OUT1
49.9k
49.9k
301k
100k
L1
4.7μH
0.22μF
D2
DA
10μF
10μF
100k
100k
100k
L1: VISHAY IHLP-2020
L2: VISHAY IHLP-1616
D1: DIODES B240A
D2: CENTRAL SEMI CMDSH-4E
TYPICAL APPLICATIONS
2MHz 3.3V/1.3A and 1.2V/1A Buck Regulators
2MHz 5V/0.8A and 1.2V/1A Buck Regulators
3640 TA02
SYN
D1
WDE
PGOOD
1nF
1nF
1.5nF
1.5nF
32.4k
VOUT2
1.8V/1A
VOUT1
3.3V/1.3A
VIN2
2.5V TO 5.5V
47μF
4.7μF
RST1
RST2
EN2
WDO
WDI
L1: VISHAY IHLP-2020
L2: VISHAY IHLP-1616
D1: DIODES B240A
D2: CENTRAL SEMI CMDSH-4E
FB2
CWDT
CPOR
RT
GND
SS2
SS1
SW2
SW1
EN/UVLO
VIN
VIN
5V TO 34V
SW
LT3640
BST
VIN2
FB1
L2
1μH
301k
100k
49.9k
100k
80.6k
49.9k
L1
3.3μH
D2
0.22μF
DA
4.7μF
10μF
3640 TA04
SYN
WDE
PGOOD
1nF
1nF
1.5nF
1.5nF
100μF
4.7μF
RST1
RST2
WDO
WDI
FB2
CWDT
CPOR
RT
GND
SS2
SS1
SW2
SW1
EN/UVLO
VIN
SW
LT3640
BST
VIN2
FB1
100k
100k
0.22μF
DA
22μF
EN2
D1
32.4k
VOUT2
0.6V/1A
VOUT1
2.5V/0.8A
VIN
3.6V TO 25V
L2
1μH
L1
3.3μH
D2
L1: VISHAY IHLP-2020
L2: VISHAY IHLP-1616
D1: ON SEMI MBRS230
D2: CENTRAL SEMI CMDSH2-3
2MHz 2.5V/0.8A and 0.6V/1A Buck Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com