Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2471CDD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2471CDD
Description  Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2471CDD Datasheet(HTML) 1 Page - Linear Technology

  LTC2471CDD Datasheet HTML 1Page - Linear Technology LTC2471CDD Datasheet HTML 2Page - Linear Technology LTC2471CDD Datasheet HTML 3Page - Linear Technology LTC2471CDD Datasheet HTML 4Page - Linear Technology LTC2471CDD Datasheet HTML 5Page - Linear Technology LTC2471CDD Datasheet HTML 6Page - Linear Technology LTC2471CDD Datasheet HTML 7Page - Linear Technology LTC2471CDD Datasheet HTML 8Page - Linear Technology LTC2471CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2471/LTC2473
1
24713f
–50
–10
10
–30
50
70
30
90
TEMPERATURE (°C)
1.2520
1.2515
1.2510
1.2505
1.2500
24713 TA01b
1.2480
1.2485
1.2490
1.2495
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Selectable 250sps/1ksps,
16-Bit I2C ΔΣ ADCs with 10ppm/°C
Max Precision Reference
The LTC®2471/LTC2473 are small, 16-bit analog-to-digital
converters with an integrated precision reference and
a selectable 250sps or 1ksps output rate. They use a
single 2.7V to 5.5V supply and communicate through an
I2C Interface. The LTC2471 is single-ended with a 0V to
VREF input range and the LTC2473 is differential with a
±VREF input range. Both ADC’s include a 1.25V integrated
reference with 2ppm/°C drift performance and 0.1% initial
accuracy. The converters are available in a 12-pin DFN
3mm × 3mm package or an MSOP-12 package. They
include an integrated oscillator and perform conver-
sions with no latency for multiplexed applications. The
LTC2471/LTC2473 include a proprietary input sampling
scheme that reduces the average input current several
orders of magnitude when compared to conventional
delta sigma converters.
Following a single conversion, the LTC2471/LTC2473
automatically power down the converter and can also be
configured to power down the reference. When both the
ADC and reference are powered down, the supply current
is reduced to 200nA.
The LTC2471/LTC2473 include a user selectable 250sps
or 1ksps output rate and due to a large oversampling
ratio (8,192 at 250sps and 2,048 at 1ksps) have relaxed
anti-aliasing requirements.
VREF vs Temperature
n 16-Bit Resolution, No Missing Codes
n Internal, High Accuracy Reference—10ppm/°C (Max)
n Single-Ended (LTC2471) or Differential (LTC2473)
n Selectable 250sps/1ksps Output Rate
n 1mV Offset Error
n 0.01% Gain Error
n Single Conversion Settling Time Simplifies
Multiplexed Applications
n Single-Cycle Operation with Auto Shutdown
n 3.5mA (Typ) Supply Current
n 2μA (Max) Sleep Current
n Internal Oscillator—No External Components
Required
n I2C Interface
n Small 12-Lead, 3mm × 3mm DFN and MSOP
Packages
n System Monitoring
n Environmental Monitoring
n Direct Temperature Measurements
n Instrumentation
n Industrial Process Control
n Data Acquisition
n Embedded ADC Upgrades
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6208279, 6411242, 7088280, 7164378.
10k
10k
10k
R
SCL
I2C
INTERFACE
SDA
0.1μF
0.1μF
2.7V TO 5.5V
10μF
0.1μF
IN+
REFOUT
REF–
VCC
0.1μF
COMP
GND
AO
IN–
0.1μF
LTC2473
24713 TA01a


Similar Part No. - LTC2471CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2471 LINER-LTC2471_15 Datasheet
491Kb / 20P
Selectable 208sps/833sps, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
More results

Similar Description - LTC2471CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2461 LINER-LTC2461 Datasheet
229Kb / 20P
Ultra-Tiny, 16-Bit I짼C ?誇 ADCs with 10ppm/째C Max Precision Reference
LTC2460 LINER-LTC2460 Datasheet
239Kb / 20P
Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
LTC2471 LINER-LTC2471_15 Datasheet
491Kb / 20P
Selectable 208sps/833sps, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
LTC2473 LINER-LTC2473_15 Datasheet
491Kb / 20P
Selectable 208sps/833sps, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
LTC2461 LINER-LTC2461_15 Datasheet
309Kb / 20P
Ultra-Tiny, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
LTC2463 LINER-LTC2463_15 Datasheet
309Kb / 20P
Ultra-Tiny, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
LTC2460 LINER-LTC2460_15 Datasheet
314Kb / 22P
Ultra-Tiny, 16-Bit ADCs with 10ppm/C Max Precision Reference
LTC2462 LINER-LTC2462_15 Datasheet
314Kb / 22P
Ultra-Tiny, 16-Bit ADCs with 10ppm/C Max Precision Reference
LTC2470 LINER-LTC2470_15 Datasheet
383Kb / 22P
Selectable 208sps/833sps, 16-Bit ADCs with 10ppm/C Max Precision Reference
LTC2472 LINER-LTC2472_15 Datasheet
383Kb / 22P
Selectable 208sps/833sps, 16-Bit ADCs with 10ppm/C Max Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com