Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2471CDD Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2471CDD
Description  Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2471CDD Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2471CDD Datasheet HTML 2Page - Linear Technology LTC2471CDD Datasheet HTML 3Page - Linear Technology LTC2471CDD Datasheet HTML 4Page - Linear Technology LTC2471CDD Datasheet HTML 5Page - Linear Technology LTC2471CDD Datasheet HTML 6Page - Linear Technology LTC2471CDD Datasheet HTML 7Page - Linear Technology LTC2471CDD Datasheet HTML 8Page - Linear Technology LTC2471CDD Datasheet HTML 9Page - Linear Technology LTC2471CDD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2471/LTC2473
6
24713f
PIN FUNCTIONS
REFOUT (Pin 1): Reference Output Pin. Nominally 1.25V,
this voltage sets the full-scale input range of the ADC. For
noise and reference stability connect to a 0.1μF capacitor
tied to GND. This capacitor value must be less than or
equal to the capacitor tied to the reference compensa-
tion pin (COMP). REFOUT must not be overdriven by an
external reference.
COMP (Pin 2): Internal Reference Compensation Pin. For
low noise and reference stability, tie a 0.1μF capacitor to
GND.
A0 (Pin 3): Chip Address Control Pin. The A0 pin can be
tied to GND or VCC. If A0 is tied to GND, the LTC2471/
LTC2473 I2C address is 0010100. If A0 is tied to VCC, the
LTC2471/LTC2473 I2C address is 1010100.
GND (Pins 4, 7, 11, (Exposed Pad Pin 13 – DFN Package
Only)): Ground. Connect exposed pad directly to the ground
plane through a low impedance connection.
SCL (Pin 5): Serial Clock Input of the I2C Interface. The
LTC2471/LTC2473 can only act as an I2C slave and the SCL
pin only accepts an external serial clock. Data is shifted
into the SDA pin on the rising edges of SCL and output
through the SDA pin on the falling edges of SCL.
SDA (Pin 6): Bidirectional Serial Data Line of the I2C Inter-
face. The conversion result is output through the SDA pin.
The pin is high impedance unless the LTC2471/LTC2473
is in the data output mode. While the LTC2471/LTC2473
is in the data output mode, SDA is an open drain pull
down (which requires an external 1.7k pull-up resistor
to VCC).
REF– (Pin 8):
Negative Reference Input to the ADC. The
voltage on this pin sets the zero input to the ADC. This
pin should tie directly to ground or the ground sense of
the input sensor.
IN+ (LTC2473), IN (LTC2471) (Pin 9):
Positive input volt-
age for the LTC2473 differential device. ADC input for the
LTC2471 single-ended device.
IN– (LTC2473), GND (LTC2471) (Pin 10):
Negative input
voltage for the LTC2473 differential device. GND for the
LTC2471 single-ended device.
VCC (Pin 12): Positive Supply Voltage. Bypass to GND with
a 10μF capacitor in parallel with a low-series-inductance
0.1μF capacitor located as close to pin 12 as possible.
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C, unless otherwise noted)
Power Supply Rejection
vs Frequency Applied to VCC
Conversion Time vs Temperature
10
100
1k
1
100k
1M
10k
10M
FREQUENCY AT VCC (Hz)
0
24713 G010
–120
–100
–80
–60
–40
–20
TA = 25°C
TEMPERATURE (°C)
–50
24713 G11
4.4
4.0
4.1
4.2
4.3
3.9
3.8
–25
25
50
75
0
100
VCC = 2.7V
VCC = 4.1V
VCC = 5.5V
VREF vs VCC
2.0
3.5
2.5
4.0
3.0
5.0
5.5
4.5
6.0
VCC (V)
1.250345
1.250340
24713 G12
1.250305
1.250310
1.250315
1.250320
1.250325
1.250330
1.250335
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com