Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8450Q Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MMA8450Q
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450Q Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MMA8450Q Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
Sensors
39
Freescale Semiconductor
MMA8450Q
D7-D0 defines the minimum duration time to change current ODR value from DR to ASLP_RATE. Time step and maximum
value depend on the ODR chosen (see Table 52).
In order to wake the device, the desired function or functions must be enabled and set to “Wake From Sleep”. All enabled
functions will still function in sleep mode at the sleep ODR. Only the functions that have been selected for “Wake From Sleep”
will wake the device.
MMA8450Q has 6 functions that can be used to keep the sensor from falling asleep namely, Transient, Orientation, Tap,
Motion/FF1 and Motion/FF2 and the FIFO. One or more of these functions can be enabled. In order to wake the device, functions
are provided namely, Transient, Orientation, Tap, and the two Motion/Freefall. Note that the FIFO does not wake the device. The
Auto-Wake/Sleep interrupt does not affect the wake/sleep, nor does the data ready interrupt. The FIFO gate (bit 7) in Register
0x3A, when set, will hold the last data in the FIFO before transitioning to a different ODR. After the buffer is flushed, it will accept
new sample data at the current ODR. See Register 0x3A for the wake from sleep bits.
If the Auto-Sleep bit is disabled, then the device can only toggle between Standby and Wake Mode by writing to the FS0 and
FS1 bits in Register 0x38 Ctrl Reg1. If Auto-Sleep interrupt is enabled, transitioning from Active mode to Auto-Sleep mode and
vice versa generates an interrupt.
0x38: CTRL_REG1 System Control 1 Register
It is important to note that when the device is in Auto-Sleep mode, the system ODR and the data rate for all the system
functional blocks are overwritten by the data rate set by the ASLP_RATE field in Register 0x38.
DR[2:0] bits select the output data rate (ODR) for acceleration samples. The default value is 000 for a data rate of 400 Hz.
Table 52. ASLP_COUNT Relationship with ODR
Output Data Rate (ODR)
Duration
Step
400
0 to 81s
320 ms
200
0 to 81s
320 ms
100
0 to 81s
320 ms
50
0 to 81s
320 ms
12.5
0 to 81s
320 ms
1.56
0 to 325.125s
640 ms
0x38 CTRL_REG1 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ASLP_RATE1
ASLP_RATE0
0
DR2
DR1
DR0
FS1
FS0
Table 53. CTRL_REG1 Description
ASLP_RATE [1:0]
This register configures the Auto-Wake sample frequency when the device is in Sleep Mode.
See Table 54 for more information.
DR[2:0]
Data rate selection. Default value: 000
FS[1:0]
Full Scale selection. Default value: 00
(00: Standby mode; 01: active mode ±2g; 10: active mode ±4g; 11: active mode ±8g)
Table 54. Sleep Mode Poll Rate Description
ASLP_RATE1
ASLP_RATE0
Frequency (Hz)
0
0
50
0
1
25
1
0
12.5
1
1
1.56
Table 55. System Output Data Rate Selection
DR2
DR1
DR0
Output Data Rate (ODR)
Time Between Data Samples
0
0
0
400 Hz
2.5 ms
0
0
1
200 Hz
5 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com