Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8450Q Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MMA8450Q
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450Q Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MMA8450Q Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8450Q Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
Sensors
13
Freescale Semiconductor
MMA8450Q
5Functionality
The MMA8450Q is a low-power, digital output 3-axis linear accelerometer packaged in a QFN package. The complete device
includes a sensing element and an IC interface able to take the information from the sensing element and to provide a signal to
the external world through an I2C serial interface. There are many embedded features in this accelerometer with a very flexible
interrupt routing scheme to 2 interrupt pins including:
•
8-bit or 12-bit data, high pass filtered data, 8-bit or 12-bit configurable 32 sample FIFO
•
Low power and Auto-Wake/ Sleep for conservation of current consumption
•
Single and double pulse detection 1 channel
•
Motion detection and Freefall 2 channels
•
Transient detection based on a high pass filter and settable threshold for detecting the change in acceleration above a
threshold
•
Flexible user configurable portrait landscape detection algorithm addressing many use cases for screen orientation
All functionality is available in 2g, 4g or 8g dynamic ranges. There are many configuration settings for enabling all the different
functions. Separate application notes have been provided to help configure the device for each embedded functionality.
5.1
Device Calibration
The IC interface is factory calibrated for sensitivity and zero-g offset for each axis. The trim values are stored in Non Volatile
Memory (NVM). On power-up, the trim parameters are read from NVM and applied to the circuitry. In normal use, further
calibration in the end application is not necessary. However, the MMA8450Q allows the user to adjust the zero-g offset for each
axis after power-up, changing the default offset values. The user offset adjustments are stored in 6 volatile registers. For more
information on device calibration, refer to Freescale application note, AN3916.
5.2
8-bit or 12-bit Data
The measured acceleration data is stored in the OUTX_MSB, OUTX_LSB, OUTY_MSB, OUTY_LSB, OUTZ_MSB, and
OUTZ_LSB registers as 2’s complement 12-bit numbers. The most significant 8-bits of each axis are stored in OUT_X (Y,
Z)_MSB, so applications needing only 8-bit results can use these 3 registers and ignore OUT_X(Y, Z)_LSB.
When the full-scale is set to 2g, the measurement range is -2g to +1.999g, and each LSB corresponds to 1g/1024 (0.98 mg)
at 12-bits resolution. When the full-scale is set to 8g, the measurement range is -8g to +7.996g, and each LSB corresponds to
1g/256 (3.9 mg) at 12-bits resolution. The resolution is reduced by a factor of 16 if only the 8-bit results are used. For more
information on the data manipulation between data formats and modes, refer to Freescale application note, AN3922. There is a
device driver available that can be used with the Sensor Toolbox demo board (LFSTBEB8450Q) with this application note.
5.3
Internal FIFO Data Buffer
MMA8450Q contains a 32 sample internal FIFO data buffer minimizing traffic across the I2C bus. The FIFO can also provide
power savings of the system by allowing the host processor/MCU to go into a sleep mode while the accelerometer independently
stores the data, up to 32 samples per axis. The FIFO can run at all output data rates. There is the option of accessing the full 12-
bit data for accessing only the 8-bit data. When access speed is more important than high resolution the 8-bit data flush is a better
option.
The FIFO contains three modes (Fill Buffer Mode, Circular Buffer Mode, and Disabled) described in the F_SETUP Register
0x13. Fill Buffer Mode collects the first 32 samples and asserts the overflow flag when the buffer is full. It does not collect anymore
data until the buffer is read. This benefits data logging applications where all samples must be collected. The Circular Buffer Mode
allows the buffer to be filled and then new data replaces the oldest sample in the buffer. The most recent 32 samples will be stored
in the buffer. This benefits situations where the processor is waiting for an specific interrupt to signal that the data must be flushed
to analyze the event.
The MMA8450Q FIFO Buffer also has a configurable watermark, allowing the processor to be interrupted after a configurable
number of samples has filled in the buffer (1 to 32).
For details on the configurations for the FIFO Buffer as well as more specific examples and application benefits, refer to
Freescale application note, AN3920.
5.4
Low Power Mode
The MMA8450Q can be set to a low power mode option to further reduce the current consumption of the device. When the
Low Power Mode is enabled, the device has access to all the configurable sampling rates and features as is available in the
Normal power mode. To set the device into Low Power Mode, bit 0 in the System Control Register 2 (0x39) should be set (1) (this
bit is cleared (0) for Normal Power Mode). Low Power Mode reduces the current consumption by internally sleeping longer and
averaging the data less. The Low Power Mode is an additional feature that is independent of the sleep feature.The sleep feature
can also be used to reduce the current consumption by automatically changing to a lower sample rate when no activity is
detected.
For more information on how to configure the MMA8450Q in Low Power Mode and the power consumption benefits of Low
Power Mode and Auto-Wake/Sleep with specific application examples, refer to Freescale application note, AN3921.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com