Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323ECVRADDCA Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC8323ECVRADDCA
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323ECVRADDCA Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC8323ECVRADDCA Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
35
PCI
12 PCI
This section describes the DC and AC electrical specifications for the PCI bus of the MPC8323E.
12.1
PCI DC Electrical Characteristics
Table 35 provides the DC electrical characteristics for the PCI interface of the MPC8323E.
12.2
PCI AC Electrical Specifications
This section describes the general AC timing parameters of the PCI bus of the MPC8323E. Note that the
PCI_CLK or PCI_SYNC_IN signal is used as the PCI input clock depending on whether the MPC8323E
is configured as a host or agent device. Table 36 shows the PCI AC timing specifications at 66 MHz.
.
Table 35. PCI DC Electrical Characteristics1,2
Parameter
Symbol
Test Condition
Min
Max
Unit
High-level input voltage
VIH
VOUT ≥ VOH (min) or
2
OVDD + 0.3
V
Low-level input voltage
VIL
VOUT ≤ VOL (max)
–0.3
0.8
V
High-level output voltage
VOH
OVDD = min,
IOH = –100 μA
OVDD – 0.2
—
V
Low-level output voltage
VOL
OVDD = min,
IOL = 100 μA
—0.2
V
Input current
IIN
0 V
≤ VIN ≤ OVDD
—
±5
μA
Notes:
1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
2. Ranges listed do not meet the full range of the DC specifications of the
PCI 2.3 Local Bus Specifications.
Table 36. PCI AC Timing Specifications at 66 MHz
Parameter
Symbol1
Min
Max
Unit
Notes
Clock to output valid
tPCKHOV
—6.0
ns
2
Output hold from clock
tPCKHOX
1—
ns
2
Clock to output high impedence
tPCKHOZ
—14
ns
2, 3
Input setup to clock
tPCIVKH
3.0
—
ns
2, 4
Input hold from clock
tPCIXKH
0—
ns
2, 4
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tPCIVKH symbolizes PCI timing
(PC) with respect to the time the input signals (I) reach the valid state (V) relative to the PCI_SYNC_IN clock, tSYS, reference
(K) going to the high (H) state or setup time. Also, tPCRHFV symbolizes PCI timing (PC) with respect to the time hard reset
(R) went high (H) relative to the frame signal (F) going to the valid (V) state.
2. See the timing measurement conditions in the
PCI 2.3 Local Bus Specifications.
3. For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
4. Input timings are measured at the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com