Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323ECVRADDCA Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8323ECVRADDCA
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323ECVRADDCA Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8323ECVRADDCA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
13
DDR1 and DDR2 SDRAM
6
DDR1 and DDR2 SDRAM
This section describes the DC and AC electrical specifications for the DDR1 and DDR2 SDRAM interface
of the MPC8323E. Note that DDR1 SDRAM is Dn_GVDD(typ) = 2.5 V and DDR2 SDRAM is
Dn_GVDD(typ) = 1.8 V. The AC electrical specifications are the same for DDR1 and DDR2 SDRAM.
6.1
DDR1 and DDR2 SDRAM DC Electrical Characteristics
Table 12 provides the recommended operating conditions for the DDR2 SDRAM component(s) of the
MPC8323E when Dn_GVDD(typ) = 1.8 V.
Table 13 provides the DDR2 capacitance when Dn_GVDD(typ) = 1.8 V.
Table 12. DDR2 SDRAM DC Electrical Characteristics for D
n
_GVDD(typ) = 1.8 V
Parameter/Condition
Symbol
Min
Max
Unit
Notes
I/O supply voltage
D
n
_GVDD
1.71
1.89
V
1
I/O reference voltage
MVREF
nREF
0.49
× Dn_GVDD
0.51
× Dn_GVDD
V2
I/O termination voltage
VTT
MVREF
nREF – 0.04
MVREF
nREF +0.04
V
3
Input high voltage
VIH
MVREF
nREF + 0.125
D
n
_GV
DD +0.3
V
—
Input low voltage
VIL
–0.3
MVREF
nREF – 0.125
V
—
Output leakage current
IOZ
–9.9
9.9
μA4
Output high current (VOUT = 1.35 V)
IOH
–13.4
—
mA
—
Output low current (VOUT = 0.280 V)
IOL
13.4
—
mA
—
Notes:
1. D
n
_GVDD is expected to be within 50 mV of the DRAM Dn_GVDD at all times.
2. MVREF
nREF is expected to be equal to 0.5 × Dn_GVDD, and to track Dn_GVDD DC variations as measured at the receiver.
Peak-to-peak noise on MVREF
nREF may not exceed ±2% of the DC value.
3. VTT is not applied directly to the device. It is the supply to which far end signal termination is made and is expected to be
equal to MVREF
nREF. This rail should track variations in the DC level of MVREFnREF.
4. Output leakage is measured with all outputs disabled, 0 V
≤ VOUT ≤ Dn_GVDD.
Table 13. DDR2 SDRAM Capacitance for D
n
_GVDD(typ) = 1.8 V
Parameter/Condition
Symbol
Min
Max
Unit
Notes
Input/output capacitance: DQ, DQS
CIO
68
pF
1
Delta input/output capacitance: DQ, DQS
CDIO
—0.5
pF
1
Note:
1. This parameter is sampled. D
n
_GV
DD = 1.8 V ± 0.090 V, f = 1 MHz, TA =25°C, VOUT = Dn_GVDD ÷ 2,
VOUT (peak-to-peak) = 0.2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com