Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH38D16RNP-R90NC Datasheet(PDF) 7 Page - Sumida Corporation

Part # CDRH38D16RNP-R90NC
Description  Power Inductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH38D16RNP-R90NC Datasheet(HTML) 7 Page - Sumida Corporation

  CDRH38D16RNP-R90NC Datasheet HTML 1Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 2Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 3Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 4Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 5Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 6Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 7Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 8Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 9Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH**D**R Series
◆
◆
◆
◆ CDRH50D28R
0.98
0.94
248
±20%
33
±20%
CDRH50D28RNP-330NC
1.16
1.15
175
±20%
22
±20%
CDRH50D28RNP-220NC
1.30
1.40
140
±20%
15
±20%
CDRH50D28RNP-150NC
0.78
0.78
370
±20%
47
±20%
CDRH50D28RNP-470NC
1.75
1.70
87
±25%
10
±20%
CDRH50D28RNP-100NC
2.10
2.50
3.10
3.65
4.20
4.80
2.20
61
±25%
6.8
±20%
CDRH50D28RNP-6R8NC
2.70
40
±25%
4.7
±20%
CDRH50D28RNP-4R7NC
3.50
25
±25%
3.0
±20%
CDRH50D28RNP-3R0NC
4.30
17
±25%
2.2
±30%
CDRH50D28RNP-2R2NC
4.70
15
±25%
1.6
±30%
CDRH50D28RNP-1R6NC
5.40
13
±25%
1.2
±30%
CDRH50D28RNP-1R2NC
Temperature
Rise Current
(A)
※2
Saturation Current
( A )
※1
D.C.R. (m
Ω)
Max. (Typ.)
Inductance
( H)
Sumida P/N
◆
◆
◆
◆ CDRH50D43R
3.80
3.60
22
±25%
2.2
±30%
CDRH50D43RNP-2R2NC
3.50
2.90
25
±25%
3.3
±30%
CDRH50D43RNP-3R3NC
0.65
0.54
545
±20%
100
±20%
CDRH50D43RNP-101MC
0.51
0.44
775
±20%
150
±20%
CDRH50D43RNP-151MC
0.49
0.36
975
±20%
220
±20%
CDRH50D43RNP-221MC
0.72
0.65
430
±20%
68
±20%
CDRH50D43RNP-680MC
0.91
0.78
270
±20%
47
±20%
CDRH50D43RNP-470MC
1.25
0.96
160
±20%
33
±20%
CDRH50D43RNP-330MC
1.44
1.16
112
±20%
22
±20%
CDRH50D43RNP-220MC
1.44
1.75
2.12
2.44
1.90
72
±25%
15
±20%
CDRH50D43RNP-150MC
2.40
47
±25%
10
±20%
CDRH50D43RNP-100MC
2.80
37
±25%
6.8
±20%
CDRH50D43RNP-6R8MC
3.20
30
±25%
4.7
±20%
CDRH50D43RNP-4R7MC
Temperature
Rise Current
(A)
※2
Saturation Current
( A )
※1
D.C.R. (m
Ω)
Max. (Typ.)
Inductance
( H)
Sumida P/N



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com