Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH38D16RNP-R90NC Datasheet(PDF) 8 Page - Sumida Corporation

Part # CDRH38D16RNP-R90NC
Description  Power Inductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH38D16RNP-R90NC Datasheet(HTML) 8 Page - Sumida Corporation

  CDRH38D16RNP-R90NC Datasheet HTML 1Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 2Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 3Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 4Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 5Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 6Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 7Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 8Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 9Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH**D**R Series
◆
◆
◆
◆ CDRH60D28R
0.80
0.65
456(380)
68
±20%
CDRH60D28RNP-680MC
0.65
0.54
654(545)
100
±20%
CDRH60D28RNP-100MC
1.02
0.76
300(250)
47
±20%
CDRH60D28RNP-470MC
0.54
0.44
942(785)
150
±20%
CDRH60D28RNP-150MC
1.27
0.93
198(165)
33
±20%
CDRH60D28RNP-330MC
1.55
1.10
132(110)
22
±20%
CDRH60D28RNP-220MC
1.75
1.35
111(89)
15
±20%
CDRH60D28RNP-150MC
2.25
1.60
72.5(58)
10
±20%
CDRH60D28RNP-100MC
2.00
2.40
2.70
3.00
3.50
2.90
46.3(37)
6.8
±20%
CDRH60D28RNP-6R8MC
3.75
30(24)
4.7
±20%
CDRH60D28RNP-4R7MC
4.00
27.5(22)
3.9
±20%
CDRH60D28RNP-3R9MC
4.45
22.5(18)
3.0
±30%
CDRH60D28RNP-3R0NC
4.85
20(16)
2.2
±30%
CDRH60D28RNP-2R2NC
Temperature
Rise Current
(A)
※2
Saturation Current
( A )
※1
D.C.R. (m
Ω)
Max. (Typ.)
Inductance
( H)
Sumida P/N
◆
◆
◆
◆ CDRH60D43R
(at 105
℃)
(at 20
℃)
0.47
0.56
0.68
0.85
1.00
1.20
1.45
1.80
2.10
2.60
3.10
3.50
4.40
4.80
5.80
0.49
0.44
1030
±20%
220
±20%
CDRH60D43RNP-221MC
0.45
0.38
1325
±20%
330
±20%
CDRH60D43RNP-331MC
5.20
4.80
15
±25%
1.5
±30%
CDRH60D43RNP-1R5NC
0.82
0.66
415
±20%
100
±20%
CDRH60D43RNP-101MC
0.65
0.52
670
±20%
150
±20%
CDRH60D43RNP-151MC
0.90
0.75
325
±20%
68
±20%
CDRH60D43RNP-680MC
1.04
0.90
270
±20%
47
±20%
CDRH60D43RNP-470MC
1.33
1.12
178
±20%
33
±20%
CDRH60D43RNP-330MC
1.55
1.30
118
±20%
22
±20%
CDRH60D43RNP-220MC
1.60
2.00
2.50
2.80
3.60
4.00
1.98
78
±25%
15
±20%
CDRH60D43RNP-150MC
2.90
38
±25%
10
±20%
CDRH60D43RNP-100MC
3.45
31
±25%
6.8
±20%
CDRH60D43RNP-6R8MC
3.80
26
±25%
4.7
±20%
CDRH60D43RNP-4R7MC
4.10
22
±25%
3.3
±30%
CDRH60D43RNP-3R3NC
4.40
17
±25%
2.2
±30%
CDRH60D43RNP-2R2NC
Temperature
Rise Current
(A)
※2
Saturation Current
( A )
※1
D.C.R. (m
Ω)
Max. (Typ.)
Inductance
( H)
Sumida P/N



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com