Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH38D16RHPNP-R90NC Datasheet(PDF) 9 Page - Sumida Corporation

Part # CDRH38D16RHPNP-R90NC
Description  Power Inductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH38D16RHPNP-R90NC Datasheet(HTML) 9 Page - Sumida Corporation

  CDRH38D16RHPNP-R90NC Datasheet HTML 1Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 2Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 3Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 4Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 5Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 6Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 7Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 8Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 9Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
California
Chicago
Tel.+1-408-321-9660
FAX. +1-408-321-9308
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+60-3-8733-0900
FAX.+60-3-8737-7384
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
Malaysia
Singapore
Seoul
Tokyo
For More Information
Tel.+886-2-27065228
FAX.+886-2-27065229
Tel.+86-755-82910228
FAX.+86-755-82910338
Tel.+86-021-58363299
FAX.+86-021-58363266
Tel.+852-2880-6688
FAX.+852-2565-9600
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH**D**R Series
◆
◆
◆
◆ CDRH98D18R
1.05
1.05
410(328)
47
±20%
CDRH98D18RNP-470MC
1.25
1.25
287(230)
33
±20%
CDRH98D18RNP-330MC
1.50
1.85
2.30
2.75
3.30
1.50
195(156)
22
±20%
CDRH98D18RNP-220MC
1.85
125(100)
15
±20%
CDRH98D18RNP-150MC
2.40
81(65)
10
±20%
CDRH98D18RNP-100MC
2.75
66(53)
6.8
±20%
CDRH98D18RNP-6R8MC
3.70
38.5(31)
4.3
±20%
CDRH98D18RNP-4R3MC
Temperature Rise
Current
(A)
※2
Saturation
Current
( A )
※1
D.C.R. (m
Ω)
Max. (Typ.)
Inductanc
e
( H)
Sumida P/N
※1、Saturation Current: This indicates the value of D.C. current when the inductance decreases to 70% of
its nominal value.
※2、Temperature Rise Current: The actual current when temperature of coil becomes △T=40℃.(Ta=20℃)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com