Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH38D16RHPNP-R90NC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH38D16RHPNP-R90NC
Description  Power Inductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH38D16RHPNP-R90NC Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH38D16RHPNP-R90NC Datasheet HTML 1Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 2Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 3Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 4Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 5Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 6Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 7Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 8Page - Sumida Corporation CDRH38D16RHPNP-R90NC Datasheet HTML 9Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
■
■
■
■
Electrical Characteristics specification.
0.60
0.75
0.90
1.05
1.30
1.60
1.90
(at 20
℃)
0.95
0.56
223
±20%
6.4
±20%
CDRH30D14RNP-6R4MC
1.16
0.68
153
±20%
4.7
±20%
CDRH30D14RNP-4R7MC
1.28
0.80
111
±20%
3.3
±20%
CDRH30D14RNP-3R3MC
1.62
1.00
74
±25%
2.2
±30%
CDRH30D14RNP-2R2NC
0.63
0.46
394
±20%
10
±20%
CDRH30D14RNP-100MC
2.10
1.20
50
±25%
1.4
±30%
CDRH30D14RNP-1R4NC
2.43
1.40
39
±25%
1.0
±30%
CDRH30D14RNP-1R0NC
(at 100
℃)
Temperature
Rise Current
(A)
※2
Saturation Current
( A )
※1
D.C.R.
(m
Ω)
Inductance
( H)
Sumida P/N
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH**D**R Series
◆
◆
◆
◆ CDRH30D14R
0.52
0.41
624(520)
22
±20%
CDRH30D16RNP-220MC
0.56
0.50
498(415)
15
±20%
CDRH30D16RNP-150MC
0.39
0.33
948(770)
33
±20%
CDRH30D16RNP-330MC
0.86
0.60
252(210)
10
±20%
CDRH30D16RNP-100MC
0.74
0.88
1.05
1.28
1.52
1.88
0.97
210(175)
6.8
±20%
CDRH30D16RNP-6R8MC
1.11
150(120)
4.7
±30%
CDRH30D16RNP-4R7MC
1.52
93.8(75)
3.3
±30%
CDRH30D16RNP-3R3MC
1.95
58.8(47)
2.2
±30%
CDRH30D16RNP-2R2NC
2.30
47.5(38)
1.5
±30%
CDRH30D16RNP-1R5NC
2.73
37.5(30)
1.0
±30%
CDRH30D16RNP-1R0NC
Temperature
Rise Current
(A)
※2
Saturation Current
( A )
※1
D.C.R. (m
Ω)
Max. (Typ.)
Inductance
( H)
Sumida P/N
◆
◆
◆
◆ CDRH30D16R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com