Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH38D16RLDNP-R90NC Datasheet(PDF) 5 Page - Sumida Corporation

Part # CDRH38D16RLDNP-R90NC
Description  Power Inductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH38D16RLDNP-R90NC Datasheet(HTML) 5 Page - Sumida Corporation

  CDRH38D16RLDNP-R90NC Datasheet HTML 1Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 2Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 3Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 4Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 5Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 6Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 7Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 8Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 9Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH**D**R Series
◆
◆
◆
◆ CDRH38D14R/LD
◆
◆
◆
◆ CDRH38D16R
0.48
0.24
840(700)
33
±20%
CDRH38D14RLDNP-330MC
0.68
0.30
480(400)
22
±20%
CDRH38D14RLDNP-220MC
0.85
0.35
294(245)
15
±20%
CDRH38D14RLDNP-150MC
0.44
0.21
1070(895)
47
±20%
CDRH38D14RLDNP-470MC
1.08
0.43
214(178)
10
±20%
CDRH38D14RLDNP-100MC
0.54
0.64
0.76
0.92
1.08
1.20
1.46
130(108)
6.8
±20%
CDRH38D14RLDNP-6R8MC
1.73
90(72)
4.7
±20%
CDRH38D14RLDNP-4R7MC
2.14
72.5(58)
3.3
±20%
CDRH38D14RLDNP-3R3MC
2.65
43.8(35)
2.2
±30%
CDRH38D14RLDNP-2R2NC
3.30
32.5(26)
1.5
±30%
CDRH38D14RLDNP-1R5NC
3.58
27.5(22)
1.2
±30%
CDRH38D14RLDNP-1R2NC
Temperature
Rise Current
(A)
※2
Saturation Current
( A )
※1
D.C.R. (m
Ω)
Max. (Typ.)
Inductance
( H)
Sumida P/N
0.68
0.31
0.35
431
±20%
33
±20%
CDRH38D16RNP-330MC
0.47
0.24
0.29
788
±20%
47
±20%
CDRH38D16RNP-470MC
0.42
0.22
0.26
1007
±20%
68
±20%
CDRH38D16RNP-680MC
1.15
0.47
0.53
174
±20%
15
±20%
CDRH38D16RNP-150MC
0.80
0.38
0.44
303
±20%
22
±20%
CDRH38D16RNP-220MC
1.30
0.54
0.62
127
±20%
10
±20%
CDRH38D16RNP-100MC
0.33
0.17
0.20
1521
±20%
100
±20%
CDRH38D16RNP-101MC
0.81
0.95
1.16
1.41
1.65
2.18
(at 20
℃)
1.50
0.69
91
±25%
6.8
±20%
CDRH38D16RNP-6R8MC
1.75
0.80
68
±25%
4.7
±20%
CDRH38D16RNP-4R7MC
2.25
0.99
47
±25%
3.3
±20%
CDRH38D16RNP-3R3MC
2.85
1.22
30
±25%
2.2
±30%
CDRH38D16RNP-2R2NC
3.05
1.39
27
±25%
1.6
±30%
CDRH38D16RNP-1R6NC
3.45
1.73
19
±25%
0.9
±30%
CDRH38D16RNP-R90NC
(at 100
℃)
Temperature
Rise Current
(A)
※2
Saturation Current
( A )
※1
D.C.R.
(m
Ω)
Inductance
( H)
Sumida P/N



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com