Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH38D16RLDNP-R90NC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH38D16RLDNP-R90NC
Description  Power Inductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH38D16RLDNP-R90NC Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH38D16RLDNP-R90NC Datasheet HTML 1Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 2Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 3Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 4Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 5Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 6Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 7Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 8Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 9Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH**D**R Series
◆
◆
◆
◆ CDRH38D14R
0.66
0.68
552(460)
15
±20%
CDRH38D14RHPNP-150MC
0.83
0.83
348(290)
10
±20%
CDRH38D14RHPNP-100MC
0.54
0.56
840(700)
22
±20%
CDRH38D14RHPNP-220MC
1.04
1.05
222(185)
6.3
±20%
CDRH38D14RHPNP-6R3MC
1.28
1.40
1.80
2.00
2.40
2.75
1.45
138(115)
4.3
±20%
CDRH38D14RHPNP-4R3MC
1.70
113(90)
3.6
±20%
CDRH38D14RHPNP-3R6MC
2.40
68.8(55)
2.2
±30%
CDRH38D14RHPNP-2R2NC
2.70
53.8(43)
1.7
±30%
CDRH38D14RHPNP-1R7NC
3.40
37.5(30)
1.2
±30%
CDRH38D14RHPNP-1R2NC
4.30
25(20)
0.9
±30%
CDRH38D14RHPNP-R90NC
Temperature
Rise Current
(A)
※2
Saturation Current
( A )
※1
D.C.R. (m
Ω)
Max. (Typ.)
Inductance
( H)
Sumida P/N
◆
◆
◆
◆ CDRH38D14R/HP
0.60
0.43
642(535)
22
±20%
CDRH38D14RNP-220MC
0.76
0.53
402(335)
15
±20%
CDRH38D14RNP-150MC
0.48
0.36
972(810)
33
±20%
CDRH38D14RNP-330MC
0.95
0.66
270(225)
10
±20%
CDRH38D14RNP-100MC
0.80
1.00
1.12
1.40
1.64
1.88
1.32
163(136)
6.8
±20%
CDRH38D14RNP-6R8MC
1.55
114(91)
4.2
±20%
CDRH38D14RNP-4R2MC
1.90
90(72)
3.3
±20%
CDRH38D14RNP-3R3MC
2.50
55(44)
2.2
±30%
CDRH38D14RNP-2R2NC
3.00
40(32)
1.6
±30%
CDRH38D14RNP-1R6NC
3.60
28.8(23)
1.2
±30%
CDRH38D14RNP-1R2NC
Temperature
Rise Current
(A)
※2
Saturation Current
( A )
※1
D.C.R. (m
Ω)
Max. (Typ.)
Inductance
( H)
Sumida P/N



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com