Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLEGF1100C Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLEGF1100C
Description  LED Lamps
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLEGF1100C Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLEGF1100C Datasheet HTML 1Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 2Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 3Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 4Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 5Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 6Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 7Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 8Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TL(BF,EGF)1100C(T11)
2010-01-26
4
TLBF1100C
1
3
10
30
100
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
Ta
= 25°C
IF – VF (typ.)
Ta = 25°C
90
°
80
°
-40
-20
0
20
40
80
100
60
10
1
0.1
0.01
1
300
30
100
3
10
0.03
0.1
0.3
1
3
5
50
500
Ta
= 25°C
IV/IV(20 mA) – IF (typ.)
30
°
0
°
60
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
50
°
40
°
20
°
10
°
0.2
400
500
600
700
800
0.4
0.6
0.8
1.0
0
300
Forward Voltage VF (V)
Forward Current IF (mA)
Relative IV – Tc (typ.)
Case Temperature Tc (°C)
Wavelength characteristic (typ.)
Wavelength
λ (nm)
Radiation pattern (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com