Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLEGF1100C Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLEGF1100C
Description  LED Lamps
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLEGF1100C Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLEGF1100C Datasheet HTML 1Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 2Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 3Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 4Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 5Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 6Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 7Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 8Page - Toshiba Semiconductor TLEGF1100C Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TL(BF,EGF)1100C(T11)
2010-01-26
2
Electrical Characteristics (Ta = 25°C)
Optical Characteristics–1 (Ta = 25°C)
Note 2: The specification as following table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Iv rank
Rank symbol
Min
Max
SA2
200
320
TA1
250
400
TA2
320
500
UA1
400
630
UA2
500
800
VA1
630
1000
VA2
800
1250
WA1
1000
1600
Unit
mcd
Mcd
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
Δλ
Dominant Wavelength
λd
Part Number
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLBF1100C
⎯
468
⎯
25
463
470
477
TLEGF1100C
⎯
518
⎯
35
518
528
538
20
Unit
nm
nm
nm
mA
Characteristics
Symbol
Test condition
Min
Typ.
Max
Unit
Forward Voltage
VF
IF = 20 mA
2.6
3.2
3.8
V
Reverse Current
IR
VR = 5 V
⎯
⎯
10
μA
Luminous Intensity IV
Part Number
Min
Typ.
Max
IF
Available Iv rank
Please see Note 2
TLBF1100C
200
300
500
SA2 / TA1 / TA2
TLEGF1100C
400
700
1250
20
UA1 / UA2 / VA1/VA2
Unit
mcd
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com