Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-5000 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-5000
Description  Distributed DA&C System Based on RS-485
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-5000 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-5000 Datasheet HTML 1Page - Advantech Co., Ltd. ADAM-5000 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Distributed DA&C Systems
ADAM-5000/485
ADAM-5000E
Introduction
The ADAM-5000/485 and ADAM-5000E systems use the EIA RS-485 communication protocol. This is the industry's most widely used, balanced, bidirectional transmission line
standard. The RS-485 was specifically developed for industrial applications to transmit and receive data at high rates over long distances.
Processor
CPU
16-bit microprocessor
I/O module capacity
4 or 8
Watchdog Timer
Yes
Power Consumption
1.0 W (ADAM-5000/485)
4.0 W (ADAM-5000E)
Isolation
Communication
2500 VDC (ADAM-5000/485)
Isolation
3000 VDC (ADAM-5000E)
Communication Power 3000 VDC
Isolation
I/O Module Isolation
3000 VDC
Diagnosis
Status Display
Power, CPU, communication
Self-test
Yes, while on
Software Diagnosis
Yes
Communication
Network
RS-232 or RS-485 (2-wire) to host
Speeds (bps)
1200, 2400, 4800, 9600, 19.2 k, 38.4 k, 57.6 k, and
115.2 kbps
Max. Communication
4000 feet (1.2 km)
Distance
Command Format
ASCII command/response protocol
Reliability Check
Communication error checking with checksum
Asynchronous
1 start bit, 8 data bits, 1 stop bit, no parity
Data Format
Maximum Nodes
Up to 256 multi-drop systems per host serial port
Protection
Transient suppression on
RS-485 communication lines
Power Requirements
Unregulated +10 to +30 VDC
Protected against Power Reversal
Power Protection
Transient suppression on power input
Mechanical
Case
KJW with captive mounting hardware
Plug-in Screw
Accepts 0.5 mm2 to 2.5 mm2 , 1 - #12 or 2 - #14 to
Terminal Block
#22 AWG
Environment
Operating Temperature -10 ~ 70° C (14 ~ 158° F)
Storage Temperature
-25 ~ 85° C (-13 ~ 185° F)
Humidity
5 ~ 95%, non-condensing
Ordering Information
ADAM-5000/485
Distributed DA&C System Based on RS-485 (4 slot)
ADAM-5000E
Distributed DA&C System Based on RS-485 (8 slot)
PCLS-OPC/ADM
OPC Server for ADAM-4000/5000 Series (RS-485)
PCLS-OCX
ActiveX Control for Data Acquisition and Control
PCLS-ADAMVIEW32
ADAMView Data Acquisition Software
 RS-485 Communication for easy installation and networking
 4 or 8 slots for up to 128 points data monitoning card control in one
module
 Extensive Software support, inclucles windows DLL drivers, OCX drivers,
OPC server and popular HMI/SCAPA Software driver.
 Seamlessly inteqrated with easy-to-use ADAMView data acquisition
Software.
Distributed DA&C System
Based on RS-485


Similar Part No. - ADAM-5000

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5000 ADVANTECH-ADAM-5000 Datasheet
91Kb / 1P
3-channel RTD Input Module
January 2005
ADAM-5000-TCP ADVANTECH-ADAM-5000-TCP Datasheet
113Kb / 2P
4-slot Ethernet-based Distributed DA&C System
ADAM-5000.485 ADVANTECH-ADAM-5000.485_15 Datasheet
208Kb / 1P
4-slot Distributed DA&C System for RS-485
ADAM-5000/485 ADVANTECH-ADAM-5000/485 Datasheet
208Kb / 1P
4-slot Distributed DA&C System for RS-485
ADAM-5000/ECAT ADVANTECH-ADAM-5000/ECAT Datasheet
223Kb / 1P
4-slot Distributed High Speed I/O System for EtherCAT
More results

Similar Description - ADAM-5000

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
Distributed Power System
DS450DC-3 EMERSON-NETWORKPOWER-DS450DC-3 Datasheet
613Kb / 4P
Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
Distributed Power System
DS1300-3 EMERSON-NETWORKPOWER-DS1300-3 Datasheet
274Kb / 4P
Distributed Power System
logo
Advantech Co., Ltd.
ADAM-5000L ADVANTECH-ADAM-5000L Datasheet
113Kb / 2P
4-slot Ethernet-based Distributed DA&C System
ADAM-5510E ADVANTECH-ADAM-5510E Datasheet
611Kb / 2P
4-slot PC-based Controller with RS-485
ADAM-5000.485 ADVANTECH-ADAM-5000.485_15 Datasheet
208Kb / 1P
4-slot Distributed DA&C System for RS-485
ADAM-5000TCP ADVANTECH-ADAM-5000TCP_15 Datasheet
194Kb / 1P
8-slot Distributed DA&C System for Ethernet
logo
Artesyn Technologies
DS1200-3 ARTESYN-DS1200-3 Datasheet
1Mb / 5P
Distributed Power System
logo
M-System Co.,Ltd.
R2K-1 MSYSTEM-R2K-1 Datasheet
127Kb / 3P
R2K Series RS-232-C/RS-485 CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com