Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3DA Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3DA
Description  Ultra-low Profile Dome Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3DA Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3DA Datasheet HTML 1Page - Omron Electronics LLC B3DA Datasheet HTML 2Page - Omron Electronics LLC B3DA Datasheet HTML 3Page - Omron Electronics LLC B3DA Datasheet HTML 4Page - Omron Electronics LLC B3DA Datasheet HTML 5Page - Omron Electronics LLC B3DA Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ultra-low Profile Dome Array
B3DA
273
Ultra-low Profile Dome Array
B3DA
Ultra-low Profile Dome Array With Dust-Proof
Construction and Crisp Clicking Action
• No soldering required. Attach directly to PCB to make an ultra-low
profile tactile switch.
• Matrix adhesive used to create highly dust-proof construction
with good ventilation. Omron's unique circular contact action
ensures a high level of resistance to foreign matter.
• Lower profile, lighter weight, and crisp clicking action.
• Customization of Dome Array available upon request
(i.e., silver plating, number of contacts, shape, etc.).
• RoHS Compliant.
Ordering Information
Note: Representative versions for engineering evaluation.
Specifications
Note: Contact dome specifications not shown in this table are also available. Consult Omron for customization requirements.
■ Recommended Contact Form on PCB
4-mm Diameter Contact Dome
5-mm Diameter Contact Dome
Item
Model (see note)
4 mm dome array
B3DA-0010-A
5 mm dome array
B3DA-0000-A
Item
Model
B3DA-0010-A
and custom 4 mm dia. versions
B3DA-0000-A
and custom 5 mm dia. versions
Diameter of contact dome
4-mm dia.
5-mm dia.
Operating force (OF)
approx. 160
± 50 gf (1.57± 0.49 N)
Releasing force (RF)
20 gf min. (0.2 N min.)
Pretravel (PT)
0.2
± 0.1 mm
Height
0.25
± 0.1 mm
Life expectancy
500,000 operations min.
1,000,000 operations min.
Switching capacity
10 mA at 12 VDC (resistive)
Minimum permissible load
1 mA at 3 VDC (resistive)
Ambient operating temperature
-40 to 80
°C (at 60% RH max.) with no icing or condensation.
Ambient storage humidity
10% to 90% (at 40
°C max.)
Contact - base material
Stainless steel
Plating
Unplated. (Silver plating available for custom models.)
Resist (30 to 50 µm)
2.8 dia.
1.8 dia.
5.2 dia.
Gold-plated nickel
Resist (30 to 50 µm)
3.8 dia.
2.3 dia.
6.2 dia.
Gold-plated nickel
2.0
1.2
0.4
2.8 dia.
1.8 dia.
5.2 dia.
Gold-plated
nickel
2.0
1.2
0.4
3.8 dia.
2.3 dia.
6.2 dia.
Gold-plated
nickel
Single-side PCB
Multilayer PCB
Single-side PCB
Multilayer PCB


Similar Part No. - B3DA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3D OMRON-B3D Datasheet
276Kb / 6P
Ultra-low Profile Dome Key
B3D OMRON-B3D Datasheet
229Kb / 6P
Ultra-low Profile Dome Key
B3D-4112 OMRON-B3D-4112 Datasheet
276Kb / 6P
Ultra-low Profile Dome Key
B3D-4112 OMRON-B3D-4112 Datasheet
229Kb / 6P
Ultra-low Profile Dome Key
B3D-5112 OMRON-B3D-5112 Datasheet
276Kb / 6P
Ultra-low Profile Dome Key
More results

Similar Description - B3DA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
Omron Electronics LLC
B3D OMRON-B3D Datasheet
276Kb / 6P
Ultra-low Profile Dome Key
logo
Protek Devices
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
logo
Omron Electronics LLC
B3D OMRON-B3D_10 Datasheet
229Kb / 6P
Ultra-low Profile Dome Key
logo
Protek Devices
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com