Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2F Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2F
Description  Snap Action Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2F Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2F Datasheet HTML 1Page - Omron Electronics LLC D2F Datasheet HTML 2Page - Omron Electronics LLC D2F Datasheet HTML 3Page - Omron Electronics LLC D2F Datasheet HTML 4Page - Omron Electronics LLC D2F Datasheet HTML 5Page - Omron Electronics LLC D2F Datasheet HTML 6Page - Omron Electronics LLC D2F Datasheet HTML 7Page - Omron Electronics LLC D2F Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
32
Snap Action Switch
D2F
Specifications
■ Characteristics
Note: 1. Data shown are of initial value.
2. The dielectric strength shown in the table indicates a value for models with a separator.
3. For pin plunger models, the values are measured at the free position and total travel position. For the lever models, they are measured
at the total travel position.
■ Ratings
Note: 1. When using an inductive load or motor load, consult OMRON.
2. The ratings apply under the following test conditions: Ambient Temperature = 20
±2°C, Ambient Humidity = 65±5%, Operating frequency = 30 operations/min.
■ Approvals
UL Recognized, CSA Certified
Note: The rated values approved by each of the safety standards
(e.g.UL,CSA) may be different from the performance
character-
istics individually defined in this catalog.
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard
reference values. This value represents the failure rate at a
60% (
λ
60) reliability level (JIS C5003).
The equation
λ
60=0.5 x 10
-6/operations indicates that a failure
rate of 1/2,000,000 operations can be expected at a reliability
level of 60%.
Operating speed
1 to 500 mm/second (pin plunger models)
Operating frequency
Mechanical: 200 operations per minute max.
Electrical: 30 operations per minute max.
Contact resistance
General Purpose: 30 m
Ω max. (Standard force versions)
50 m
Ω max. (Low force versions)
Microload:
100 m
Ω max.
Insulation resistance
100 M
Ω min. at 500 VDC
Dielectric strength (See note 2)
600 VAC, 50/60 Hz for 1 minute between terminals of same polarity
1,500 VAC, 50/60 Hz for 1 minute between current-carrying metal parts and ground, and between each
terminal and non-current-carrying metal parts
Vibration resistance (See note 3)
Malfunction: 10 to 55 Hz, 1.5 mm double amplitude
Shock resistance (See note 3)
Destruction: 1,000 m/s2 (approx. 100G) max.
Malfunction: 300 m/s2 (approx. 30 g min.) max.
Degree of protection
IEC IP40
Degree of protection against
electric shock
Class I
Proof tracking index (PTI)
175
Ambient operating temperature
-25
° to 65°C (at 60% RH) with no icing
Ambient operating Humidity
85% max. (for 5
° to 35°C)
Service life
(Consult Omron for test conditions)
Mechanical: 1 million operations min. at 60 operations/minute.
Electrical: 30,000 operations min. at 30 operations/minute.
Weight
Approx. 0.5 g (pin plunger models)
Rated Voltage
Resistive load
Microvoltage/current (D2F-01 models)
General-purpose (D2F models)
Low force
Standard
Low force
Standard
125 VAC
——1 A
3 A
30 VDC
0.1 A
0.1 A
0.5 A
2 A
Rated voltage
D2F
D2F-01
Standard
Force
Low Force
125 VAC
3 A
1A
- - -
30 VDC
2 A
0.5 A
0.1 A
Item
D2F
D2F-01
Specification
Crossbar
Material
Silver alloy
Gold alloy
Gap
(Standard value)
0.25 mm
Minimum Applicable Load
(See note)
100 mA at 5 VDC 1 mA at 5VDC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com