Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2F Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D2F
Description  Snap Action Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2F Datasheet(HTML) 5 Page - Omron Electronics LLC

  D2F Datasheet HTML 1Page - Omron Electronics LLC D2F Datasheet HTML 2Page - Omron Electronics LLC D2F Datasheet HTML 3Page - Omron Electronics LLC D2F Datasheet HTML 4Page - Omron Electronics LLC D2F Datasheet HTML 5Page - Omron Electronics LLC D2F Datasheet HTML 6Page - Omron Electronics LLC D2F Datasheet HTML 7Page - Omron Electronics LLC D2F Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Snap Action Switch
D2F
35
■ Dimensions and Operating Characteristics
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. Omitted dimensions are the same as pin plunger type.
3. The following illustrations and dimensions are for models with PCB terminals. Refer to “Terminals” for models with self-supporting, solder
and right / left angle terminal specifics.
4. The operating characteristics are for operation in the A direction(
)
Pin Plunger Models
D2F-
D2F-01-
D2F-F-
D2F-01F-
2.2
+0.12
0
dia.
2
+0.12
0
dia. holes
12.7
1.2
5.2
5OP
1.5
3.5
0.9
0.4
5.8
±0.15
12.8
±0.15
5.08
5.08
6.5
±0.1
3.15
5.7
2.9
2
+0.12
0
PT
A
Characteristics
D2F-
@
D2F-01-
@
D2F-F-
@
D2F-01F-
@
OF max.
150 g
75 g
RF min.
20 g
5 g
PT max.
0.5 mm
0.5 mm
OT min.
0.25 mm
0.25 mm
MD max.
0.12 mm
0.12 mm
OP
5.5
± 0.3 mm
5.5
± 0.3 mm
FP max.
——
Hinge Lever Models
D2F-L-
D2F-01L-
D2F-FL-
D2F-01FL-
t = 0.3 (see note)
12.8
(10.8)
OP
FP
3
Note:
Stainless-steel lever
A
Characteristics
D2F-L-
@
D2F-01L-
@
D2F-FL-
@
D2F-01FL-
@
OF max.
80 g
25 g
RF min.
5 g
2 g
PT max.
——
OT min.
0.55 mm
0.55 mm
MD max.
0.5 mm
0.5 mm
OP
6.8
± 1.5 mm
6.8
± 1.5 mm
FP max.
10 mm
10 mm
Simulated Roller Lever Models
D2F-L3-
D2F-01L3-
D2F-FL3-
D2F-01FL3-
t = 0.3 (see note)
1.3R
12.7
(7.5)
10
2.1
OP
FP
3
Note:
Stainless-steel lever
A
Characteristics
D2F-L3-
@
D2F-01L3-
@
D2F-FL3-
@
D2F-01FL3-
@
OF max.
80 g
40 g
RF min.
5 g
2 g
PT max.
——
OT min.
0.5 mm
0.5 mm
MD max.
0.45 mm
0.45 mm
OP
8.5
± 1.2 mm
8.5
± 1.2 mm
FP max.
13 mm
13 mm
Hinge Roller Lever Models
D2F-L2-
D2F-01L2-
D2F-FL2-
D2F-01FL2-
Note:
Stainless-steel lever
4.8 dia.
× 2.8 (Resin roller)
t = 0.3
(see
note)
(4.6)
OP FP
4
12.8
(10)
4
A
Characteristics
D2F-L2-
@
D2F-01L2-
@
D2F-FL2-
@
D2F-01FL2-
@
OF max.
80 g
40 g
RF min.
5 g
2 g
PT max.
——
OT min.
0.55 mm
0.55 mm
MD max.
0.5 mm
0.5 mm
OP
13
± 2.0 mm
13
± 2.0 mm
FP max.
16.5 mm
16.5 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com