Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3W-9010-R1N Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # B3W-9010-R1N
Description  Illuminated Tactile Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3W-9010-R1N Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button B3W-9010-R1N Datasheet HTML 2Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 3Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 4Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 5Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 6Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 7Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 8Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 9Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Illuminated Tactile Switches
B3W-9
263
Safety Precautions
■ Precautions for Correct Use
Electrical Standards
All Use the Switch within the rated voltage and current ranges, other-
wise the Switch may have a shortened life expectancy, radiate heat,
or burn out. This particularly applies to the instantaneous voltages
and currents when switching.
Soldering
1. Soldering Precautions
• Before any kind of soldering, test to confirm that soldering can
be performed properly. Otherwise the Switch may be deformed
by the soldering heat depending on the type of PCB, pattern, or
lands of the PCB.
• Do not solder the Switch more than twice, including rectification
soldering. Wait for at least five minutes between the first and
second soldering to allow the temperature to return to normal.
Continuous soldering may cause the casing to melt or deterio-
rate the Switch characteristics.
2. Automatic Soldering Baths (Wave Soldering)
• Soldering temperature: 260
°C max.
• Soldering time: 5 s max. for a 1.6-mm thick single-side PCB
• Preheating temperature: 100
°C max. (ambient temperature)
• Preheating time: Within 60 s
• Precautions
Make sure that no flux will rise above the level of the PCB.
Also make sure that flux is not applied to the switch terminals or
to the mounting surface of the PCB. If flux overflows onto the
mounting surface of the PCB, it may enter the Switch and cause
a malfunction.
3. Manual Soldering
• Soldering temperature: 350
°C max. at the tip of the soldering
iron
• Soldering time: 3 s max. for a 1.6-mm thick, single-side PCB
• Precautions: Before soldering the Switch on a PCB, make sure
that there is no unnecessary space between the Switch and the
PCB.
Washing
Since Illumination part and actuation part are not sealed, switch can-
not be washed. Doing so will cause the washing agent, together with
flux or dust particles on the PCB, to enter the Switch, resulting in
malfunction.
PCBs
The Switch is designed for a 1.6-mm thick, single-side PCB. Using
PCBs with a different thickness or using double-sided, through-hole
PCBs may result in loose mounting, improper insertion, or poor heat
resistance in soldering. These effects will occur, depending on the
type of holes and patterns of the PCB.
Therefore, it is recommended that a verification test is conducted
Handling
1. Usage Environment
Before installing the Switch, make sure that the area of installation is
not subject to corrosive gases emitted from surrounding parts.
Do not use in areas subject to high temperatures, high humidity, or
toxic gases such as sulfuric gas (H2S, SO2), ammonia gas (NH3),
nitric gas (HNO3), or chlorine gas (CI2). It can cause
corrosive damage to the contacts and result in malfunction. If there is
silicon in the atmosphere, it may stop the contacts from functioning
properly.
If silicon products, such as silicon oil, silicon filler, or silicon wires, are
used in the surrounding area, install a contact protection circuit to
prevent arching or remove the silicon source.
The following situations may cause water to enter inside the Switch,
resulting in a malfunction due to contact failure or corrosion.
• Using the Switch in an outdoor environment where it is exposed
to water drops for an extended period of time.
• Using the Switch in an underwater setting where it is subject to
strong water pressure.
Do not use Switches that have been dropped. The mating section or
other internal parts may be damaged, resulting in malfunction.
Operation
Do not repeatedly operate the Switch with excessive force. Applying
excessive pressure or applying additional force after the plunger has
stopped may deform the disk spring of the Switch, resulting in mal-
function.
Be sure to set up the Switch so that the plunger will operate in a
straight vertical line.
If the plunger is pressed off-center or from an angle it may cause
deformation or damage to some parts. This may result in deteriora-
tion of durability or malfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com