Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3W-9010-R1N Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # B3W-9010-R1N
Description  Illuminated Tactile Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3W-9010-R1N Datasheet(HTML) 3 Page - Omron Electronics LLC

  B3W-9010-R1N Datasheet HTML 1Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 2Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 3Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 4Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 5Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 6Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 7Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 8Page - Omron Electronics LLC B3W-9010-R1N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Illuminated Tactile Switches
B3W-9
259
■ 12 × 12-mm Switches
Standard force
High-force
Specifications
■ Characteristics - initial (Same for Both Standard and High-force Switches)
■ Operating Characteristics
Force
LED
Colour
No. of
LEDs
Cap color
Model
Standard force
(OF = 160 gf)
Blue
1
Blue
B3W-9010-B1B
1
Milky white B3W-9010-B1N
2Blue
B3W-9010-B2B
2
Milky white B3W-9010-B2N
Green
1
Green
B3W-9010-G1G
1
Milky white B3W-9010-G1N
2
Green
B3W-9010-G2G
2
Milky white B3W-9010-G2N
Green
(High
brightness)
1
Green
B3W-9010-HG1G
1
Milky white B3W-9010-HG1N
2
Green
B3W-9010-HG2G
2
Milky white B3W-9010-HG2N
Red
1
Red
B3W-9010-R1R
1
Milky white B3W-9010-R1N
2Red
B3W-9010-R2R
2
Milky white B3W-9010-R2N
Yellow
1
Yellow
B3W-9010-Y1Y
1
Milky white B3W-9010-Y1N
2Yellow
B3W-9010-Y2Y
2
Milky white B3W-9010-Y2N
Red+Blue
2
Milky white B3W-9010-RB2N
Red+Green 2
Milky white B3W-9010-RG2N
Red+High
Brightness
Green
2
Milky white B3W-9010-RHG2N
Force
LED
Colour
No. of
LEDs
Cap color
Model
High-force
(OF = 230 gf)
Blue
1
Blue
B3W-9012-B1B
1Milky white B3W-9012-B1N
2Blue
B3W-9012-B2B
2Milky white B3W-9012-B2N
Green
1
Green
B3W-9012-G1G
1Milky white B3W-9012-G1N
2
Green
B3W-9012-G2G
2Milky white B3W-9012-G2N
Green
(High
brightness)
1
Green
B3W-9012-HG1G
1Milky white B3W-9012-HG1N
2
Green
B3W-9012-HG2G
2Milky white B3W-9012-HG2N
Red
1
Red
B3W-9012-R1R
1Milky white B3W-9012-R1N
2Red
B3W-9012-R2R
2Milky white B3W-9012-R2N
Yellow
1
Yellow
B3W-9012-Y1Y
1Milky white B3W-9012-Y1N
2Yellow
B3W-9012-Y2Y
2Milky white B3W-9012-Y2N
Red+Blue
2
Milky white B3W-9012-RB2N
Red+Green 2
Milky white B3W-9012-RG2N
Red+High
Brightness
Green
2Milky white B3W-9012-RHG2N
Contact form
SPST-NO Momentary
Switching capacity
1 to 50 mA, 5 to 24 VDC (resistive load)
Contact resistance
100 m
Ω max. (initial value) (rated: 1 mA, 5 VDC)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
500 VAC, 50/60 Hz for 1 min
Bounce time
5 ms max.
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100 G) max.
Malfunction: 100 m/s2 (approx. 10 G) max.
Ambient operating temperature
-25
°C to 70°C (at 60% RH max.) with no icing or condensation
Ambient operating humidity
35% to 85% (at 5
° to 35°C)
Life expectancy
Switch section
160 gf (standard force): 1,000,000 operations min.
230 gf (high-force): 300,000 operations min.
Item
Standard-force (B3W-90
@0)
High-force (B3W-90
@2)
Operating force (OF) max.
160 gf
230 gf
Releasing force (RF) min.
20 gf
50 gf
Pretravel (PT)
0.25+0.2/
-0.1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com