Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3101DB Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAN3101DB
Description  LOW COST CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3101DB Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAN3101DB Datasheet HTML 9Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 10Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 11Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 12Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 13Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 14Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 15Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 16Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PixArt Imaging Inc.
PAN3101
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
13
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0 MAR. 2005
AC Operating Condition
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, VDD =5.0 V,
FCLK=18.432MHz
Symbol
Parameter
Min. Typ. Max. Unit
Notes
tHOLD
SDIO read hold time
3
us
Minimum hold time for valid data. (Refer to
Figure 8)
tRESYNC
Serial Interface RESYNC.
1
us @3000frame/sec (Refer to Figure 9)
tSIWTT
Serial Interface Watchdog
Timer Timeout
1.7
ms @3000frame/sec (Refer to Figure 9)
tPDR
PD Pulse Register
333
us
One frame time maximum after setting bit 6
in the Operation_Mode register
@3000frame/sec. (Refer to Figure 10)
tPUPD
Power Up from deactivate
the Power Down mode
3
30.5
ms
From deactivate power down mode to valid
quad signals. After tPUPD, all registers contain
valid data from first image after deactivate
power down mode. Note that an additional 90
frames for Auto-Exposure (AE) stabilization
may be required if mouse movement occurred
while PD was high.
tPU
Power Up from VDD↑
3
30.5
ms
From VDD↑ to valid quad signals.
500usec + 90frames.
t r , t f
Rise and Fall Times: SDIO
25,
20
ns CL = 30pf
t r , t f
Rise and Fall Times: ILED
10,
10
ns LED bin grade: R; R1=100ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com