Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3101DB Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAN3101DB
Description  LOW COST CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3101DB Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAN3101DB Datasheet HTML 1Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 2Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 3Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 4Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 5Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 6Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 7Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 8Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PixArt Imaging Inc.
PAN3101
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0 MAR. 2005
1. Pin Description
Pin No.
Name
Type
Definition
1
OSCIN
IN
Resonator input
2
OSCOUT
OUT
Resonator output
3
SDIO
I/O
Serial interface bi-direction data
4
SCLK
IN
Serial interface clock
5
LED
OUT
LED control
6
VSS
GND
Chip ground
7
VDD
PWR
Chip power, 5V power supply
8
VREF
BYPASS
Voltage reference
Pin Assign
Figure 1. Top View Pinout
LB
RB
+ X
+ Y
Figure 2. Top View of Mouse
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com