Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS202BCB Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAS202BCB
Description  PAS202BCB SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBB SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS202BCB Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAS202BCB Datasheet HTML 1Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 2Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 3Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 4Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 5Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 6Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 7Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 8Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PAS202BCB
PAS202BBB
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.0, May 2002
PAS202BCB SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR
PAS202BBB SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
General Description
The PAS202BCB/PAS202BBB is a highly integrated CMOS active-pixel image sensor that has a VGA resolution
of 644H x 484V. To have an excellent image quality, the PAS202BCB/PAS202BBB outputs 10-bit RGB raw data
through a parallel data bus. It is available in color or monochrome and in 28-pin LCC.
The PAS202BCB/PAS202BBB can be programmed to set the exposure time for different luminance condition via
I2C
TM serial control bus. By programming the internal register sets, it performs on-chip frame rate adjustment,
offset correction DAC and programmable gain control.
Key Specification
Supply Voltage
3.3V + 10%
Resolution
644(H) x 484(V)
Array diagonal
4.5mm (~1/4”Optic)
Pixel Size
5.6
µmX5.6µm
Frame rate
~30 fps
System clock
Up to 48 MHz
Max. pixel rate
12MHz
Sensitivity
0.6V/Lux-sec(green)
PGA gain
29.5 dB max.
Color filter
RGB Bayer Pattern
Exposure Time
~ Frame time to 4 pxclk
Scan Mode
Progressive
S/N Ratio
>42 dB
Features
§ VGA(644 x 484 pixels) resolution, ~1/4” Lens
§ Bayer-RGB color filter array
§ On-chip 10-bit pipelined A/D converter
§ Output format: 10-bit parallel RGB raw data
§ On-chip 9-bit background compensation DAC
§ On-chip programmable gain amplifier
q
4-bit color gain amplifier(x3)
q
5-bit global gain amplifier (x5)
§ Continuous variable frame time(1/2sec~1/30sec)
§ Continuous variable exposure time
§ I2C Interface
§ Digitally programmable registers
§ Single 3.3V supply voltage
§ 100 mW low power dissipation
§ 350 uW low power down dissipation
§ Flash light timing
§ Mirror output
Package
28 pins LCC


Similar Part No. - PAS202BCB

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAS202BCA PIXART-PAS202BCA Datasheet
124Kb / 15P
PAS202BCA SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBA SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
More results

Similar Description - PAS202BCB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
VGA CMOS Color Image Sensor
Sep-2003
logo
Pixart Imaging Inc.
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
CMOS VGA DIGITAL IMAGE SENSOR
PAS106BCA-323 PIXART-PAS106BCA-323 Datasheet
114Kb / 14P
PAS106BCA-323 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBA-323 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
PAS202BCA PIXART-PAS202BCA Datasheet
124Kb / 15P
PAS202BCA SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBA SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCW-22S PIXART-PAS302BCW-22S Datasheet
241Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
CMOS VGA DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com