Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS202BCB Datasheet(PDF) 12 Page - Pixart Imaging Inc.

Part # PAS202BCB
Description  PAS202BCB SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBB SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS202BCB Datasheet(HTML) 12 Page - Pixart Imaging Inc.

Back Button PAS202BCB Datasheet HTML 7Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 8Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 9Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 10Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 11Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 12Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 13Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 14Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 15Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PixArt Imaging Inc.
PAS202BCB/PAS202BBB
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
12
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.0, May 2002
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
23
24
25
26
27
28
VLRST
VSSAY
VDDA
VSSA
VRB
PXD<0>
PXD<2>
PXD<9>
PXD<8>
PXD<1>
SYSCLK
PXCLK
HSYNC
VSYNC
-- Bottom View --
22
PXCLK Timing Specification @12M Hz
Symbol
Parameter
Min.
Typ.
Max.
Unit
tLOW
Low period of the PXCLK duty cycle
40%
50%
60%
%
tHIGH
High period of the PXCLK duty cycle
40%
50%
60%
%
tr
Rise time signal
10
ns
tf
Fall time signal
10
ns
Cb
Capacitive load for each bus line
15
pF
6. Package Information
6.1. Pin Connection Diagram
tLOW
tr
tHIGH
tf
PXCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com