Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3401 Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAW3401
Description  PS/2 OPTICAL MOUSE SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3401 Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAW3401 Datasheet HTML 9Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 10Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 11Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 12Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 13Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 14Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 15Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 16Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 17Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PixArt Imaging Inc.
PAW3401
12 PIN PS/2 Optical Mouse Sensor
6. Referencing Application Circuit
+
C2
10uF
R5
0
C1
0.1uF
*R3
C6
27pF
VDD_5V
Note:
JP1
1
2
3
4
+
C3
1uF
*Y1 ?Mhz
*R2
VDD_5V
U1
PAW3401
2
6
3
7
8
1
4
5
9
10
11
12
*1
*14
LED
VREF
OSC_RES
CLOCK
DATA
BL
VSS
VDD5V
BR
BM
Z2
Z1
NC
NC
D1
LED
ENSW1
Z2
Z1
COM
BL
R1
*C4
1uF/?
R4
0
BR
2. *C4 , *R3 and *Y1 is left for 14 pin package with USB interface
1. *R2 is left for 12 pin package
C5
0.1uF
VDD_5V
C7
27pF
BM
Figure 8. Application Circuit for PAW3401
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1, Dec. 2006
.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com