Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3401 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAW3401
Description  PS/2 OPTICAL MOUSE SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3401 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAW3401 Datasheet HTML 1Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 2Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 3Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 4Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 5Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 6Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 7Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 8Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PixArt Imaging Inc.
PAW3401
12 PIN PS/2 Optical Mouse Sensor
1. Pin Configuration
1.1 Pin Description
Pin # Name
Type
Definition
1
BL
IN
Button left key input, normal pull-high (50k), press connect to low
2
LED
OUT
LED control
3
OSC_RES
IN
Connect to resistor input
4
VSS
GND
Chip ground
5
VDD5V
PWR
Chip power VDD, 5.0V
6
VREF
BYPASS Analog voltage reference
7
CLOCK
I/O
PS/2 mouse clock line
8
DATA
I/O
PS/2 mouse data line
9
BR
IN
Button right key input, normal pull-high (50k), press connect to low
10
BM
IN
Button middle key input, normal pull-high (50k), press connect to low
11
Z2
IN
Z axis, support mechanical scroller input
12
Z1
IN
Z axis, support mechanical scroller input
1.2 Pin Assignment
Figure 1. Top View Pinout
Figure 2. Top View of Mouse
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1, Dec. 2006
.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com