Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3402 Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAW3402
Description  PS/2 OPTICAL MOUSE SOC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3402 Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAW3402 Datasheet HTML 7Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 8Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 9Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 10Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 11Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 12Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 13Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 14Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 15Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PixArt Imaging Inc.
PAW3402 / PAW3412
PS/2 Optical Mouse SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
13
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Feb. 2008
10. Recommended Value for R1
Radiometric intensity of LED
Bin limits (mW/Sr at 20mA)
LED Bin Grade
Min.
Typ.
Max.
N
14.7
-
17.7
P
17.7
-
21.2
Q
21.2
-
25.4
Note: Tolerance for each bin will be ± 15%
R1 value (ohm), VDD=5.0V
LED Bin Grade
Min.
Typ.
Max.
N
43
56
-
P
43
56
-
Q
43
56
-
11. Z-axis Waveform
Figure 13. Z-axis Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com