Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3402 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAW3402
Description  PS/2 OPTICAL MOUSE SOC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3402 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAW3402 Datasheet HTML 1Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 2Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 3Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 4Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 5Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 6Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 7Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 8Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PixArt Imaging Inc.
PAW3402 / PAW3412
PS/2 Optical Mouse SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Feb. 2008
1. Pin Configuration
1.1 Pin Description
Pin # Name
Type
Definition
1
BL
IN
Button left key input, internal pull-up 50K ohm, press connect to low
2
LED
OUT
LED control
3
OSC_RES
IN
Connect to resistor input
4
VSS
GND
Chip ground
5
VDD5V
PWR
Chip power VDD, 5.0V
6
VREF
BYPASS Analog voltage reference
7
CLOCK
I/O
PS/2 mouse clock line
8
DATA
I/O
PS/2 mouse data line
9
BR
IN
Button right key input, internal pull-up 50K ohm, press connect to low
10
BM
IN
Button middle key input, internal pull-up 50K ohm, press connect to low
11
Z2
IN
Z axis, support mechanical encoder input (internal pull-down 50K ohm) or
optical encoder input (needs external pull-down resistor)
12
Z1
IN
Z axis, support mechanical encoder input (internal pull-down 50K ohm) or
optical encoder input (needs external pull-down resistor)
1.2 Pin Assignment For Sensor Rotate 0˚
Figure 1. Top View Pinout
Figure 2. Top View of Mouse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com