Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3501UI Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAW3501UI
Description  USB OPTICAL MOUSE SENSOR SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3501UI Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAW3501UI Datasheet HTML 1Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 2Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 3Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 4Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 5Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 6Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 7Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 8Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PAW3501UI
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.1 April. 2008
PAW3501UI USB OPTICAL MOUSE SENSOR SINGLE CHIP
General Description
PAW3501UI is a CMOS process optical mouse sensor single chip with USB interface that serves as a non-
mechanical motion estimation engine for implementing a computer mouse.
Features
USB interface
Single 5.0 volt power supply
Compatible with Microsoft
® Windows 2000®
and 5-button Wheel Mouse
Optical motion estimation technology
Complete 2-D motion sensor
Accurate motion estimation over a wide
range of surfaces
High speed motion detection up to 28
inches/sec
High resolution up to 800 CPI
Power saving mode during times of no
movement
Supports five buttons (R, M, L, B4, B5) and
three axes (X, Y, Z) output
Z-axis can support two kinds of scroller
input (Opto-mechanical and mechanical).
Complete Universal Serial Bus
® spec V1.1
compatibility
Complete USB HID spec V1.1 compatibility
Integrated USB transceiver and 1.5 Mbps
USB serial interface engine
Key Specification
Power Supply
Wide operating supply range
4.25V ~ 5.5V
Interface
USB
Optical Lens
1:1
System Clock
18.000 MHz
Speed
28 inches/sec
Acceleration
20g
Resolution
400/600/800 CPI
Frame Rate
3000 frames/sec
Operating Current
12 mA @Mouse moving (Normal)
8 mA @Mouse not moving (Sleep)
480 uA @USB suspend (Suspend)
Package
Shrunk DIP24
Ordering Information
Part Number
CPI
Sensor Rotate
Device Type
Z-axis Type
PAW3501UI
400/600/800
0˚/+90˚/-90˚
2D2B/3D3B/3D5B
Mechanical (Z/2)
PAW3501UI-P2
400/600/800
0˚/+90˚/-90˚
2D2B/3D3B/3D5B
Optical (Z/2)
PAW3501UI-P4
400/600/800
0˚/+90˚/-90˚
2D2B/3D3B/3D5B
Optical (Z/4)


Similar Part No. - PAW3501UI

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3502 PIXART-PAW3502 Datasheet
477Kb / 10P
USB OPTICAL MOUSE SINGLE CHIP
PAW3502DL PIXART-PAW3502DL Datasheet
477Kb / 10P
USB OPTICAL MOUSE SINGLE CHIP
PAW3502DL-TD PIXART-PAW3502DL-TD Datasheet
477Kb / 10P
USB OPTICAL MOUSE SINGLE CHIP
PAW3502DL-TK PIXART-PAW3502DL-TK Datasheet
477Kb / 10P
USB OPTICAL MOUSE SINGLE CHIP
PAW3504 PIXART-PAW3504 Datasheet
758Kb / 13P
PURE USB OPTICAL MOUSE SINGLE CHIP
More results

Similar Description - PAW3501UI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VT5363 STMICROELECTRONICS-VT5363 Datasheet
610Kb / 25P
Single-chip USB/PS2 optical mouse
18-Apr-2006
VT5363 STMICROELECTRONICS-VT5363_07 Datasheet
509Kb / 23P
Single-chip USB/PS2 optical mouse
24-Jan-2007
logo
Pixart Imaging Inc.
PAN3501UI PIXART-PAN3501UI Datasheet
443Kb / 14P
USB OPTICAL MOUSE SENSOR SINGLE CHIP
PAW3502 PIXART-PAW3502 Datasheet
477Kb / 10P
USB OPTICAL MOUSE SINGLE CHIP
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2700 AVAGO-ADNS-2700 Datasheet
271Kb / 39P
Single Chip USB Optical Mouse Sensor One chip USB mouse sensor
logo
Pixart Imaging Inc.
ADNS-2700 PIXART-ADNS-2700 Datasheet
1Mb / 39P
Single Chip USB Optical Mouse Sensor
ADNS-2710 PIXART-ADNS-2710 Datasheet
954Kb / 38P
Single Chip USB Optical Mouse Sensor
PAW3509DH PIXART-PAW3509DH Datasheet
125Kb / 5P
USB OPTICAL MOUSE SINGLE CHIP
PAW3515DB PIXART-PAW3515DB Datasheet
69Kb / 4P
USB OPTICAL MOUSE SINGLE CHIP
PAW3529DH-TXWA PIXART-PAW3529DH-TXWA Datasheet
821Kb / 23P
USB OPTICAL MOUSE SINGLE CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com