Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3501UI Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAW3501UI
Description  USB OPTICAL MOUSE SENSOR SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3501UI Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAW3501UI Datasheet HTML 1Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 2Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 3Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 4Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 5Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 6Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 7Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 8Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PixArt Imaging Inc.
PAW3501UI
USB Optical Mouse Sensor Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.1 April. 2008
1. Pin Configuration
1.1 Pin Assignment
1
13
12
24
1
13
12
24
LB
RB
+ X
+ Y
Figure 1. Top View Pinout
Figure 2. Top View of Mouse
1.2 Pin Description
Pin # Name
Type
Definition
1
Z1
IN
Z axis, support two kinds of scroller input, opto-mechanical and mechanical
2
Z2
IN
Z axis, support two kinds of scroller input, opto-mechanical and mechanical
3
SR
IN
Sensor rotate (0, 1, floating) => (-90°, +90°, 0°), 3-states input
4
IRCTL
OUT
IR LED control
5
BM
IN
Button middle key input, normal pull-high (50k), press connect to low
6
BL
IN
Button left key input, normal pull-high (50k), press connect to low
7
DT
IN
Device type (0, 1, floating) => (3D3B, 2D2B, 3D5B), 3-states input
8
B4
IN
Button 4 key input, normal pull-high (50k), press connect to low
9
B5
IN
Button 5 key input, normal pull-high (50k), press connect to low
10
CPI
IN
CPI select to (0, 1, floating) => (800, 600, 400), 3-states input
11
VSSLED
GND
LED ground
12
LED
I/O
LED control
13
VREFB
BYPASS Analog voltage reference
14
VREFA
BYPASS Analog voltage reference
15
VDD5V
PWR
Chip power VDD, 5.0V
16
VSS
GND
Chip ground
17
VDDQ
BYPASS IO voltage reference
18
OSCIN
IN
Oscillator input, connect to 18.000MHz crystal or resonator
19
OSCOUT
OUT
Oscillator output, connect to 18.000MHz crystal or resonator
20
D+
I/O
USB D+
21
D-
I/O
USB D-
22
BR
IN
Button right key input, normal pull-high (50k), press connect to low
23
RFU
IN
Reserve for future use, PAW3501UP used the pin to switch USB or PS/2
24
TEST
IN
Test pin. It is needed to connect to GND in normal operation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com